Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY62256AJ-I Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HY62256AJ-I
Description  DRAM & SRAM MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HY62256AJ-I Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HY62256AJ-I Datasheet HTML 3Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 4Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 5Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 6Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 7Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 8Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 9Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 10Page - List of Unclassifed Manufacturers HY62256AJ-I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AC CHARACTERISTICS
Vcc = 5V(±)10%, TA = 0°C to 70°C (Normal)/ -40°C to 85°C (E.T.) unless otherwise
specified.
# Symbol
Parameter
-55
-70
-85
Unit
Min. Max. Min. Max. Min. Max.
READ CYCLE
1
tRC
Read Cycle Time
55
-
70
-
85
-
ns
2
tAA
Address Access Time
-
55
-
70
-
85
ns
3
tACS
Chip Select Access Time
-
55
-
70
-
85
ns
4
tOE
Output Enable to Output
Valid
-
30
-
35
-
45
ns
5
tCLZ
Chip Select to Output in
Low Z
5
-
5
-
5
-
ns
6
tOLZ
Output Enable to Output in
Low Z
5
-
5
-
5
-
ns
7
tCHZ
Chip Deselection to Output
in High Z
0
20
0
30
0
30
ns
8
tOHZ
Out Disable to Output in
High Z
0
20
0
30
0
30
ns
9
tOH
Output Hold from Address
Change
5
-
5
-
5
-
ns
WRITE CYCLE
10 tWC
Write Cycle Time
55
-
70
-
85
-
ns
11 tCW
Chip Selection to End of
Write
50
-
65
-
75
-
ns
12 tAW
Address Valid to End of
Write
50
-
65
-
75
-
ns
13 tAS
Address Set-up Time
0
-
0
-
0
-
ns
14 tWP
Write Pulse Width
40
-
50
-
55
-
ns
15 tWR
Write Recovery Time
0
-
0
-
0
-
ns
16 tWHZ
Write to Output in High Z
0
20
0
30
0
30
ns
17 tDW
Data to Write Time Overlap 25
-
35
-
40
-
ns
18 tDH
Data Hold from Write Time 0
-
0
-
0
-
ns
19 tOW
Output Active from End of
Write
5
-
5
-
5
-
ns
AC TEST CONDITIONS
TA = 0°C to 70°C (Normal) / -40°C to 85°C (E.T.) unless otherwise specified.
PARAMETER
VALUE
Input Pulse Level
0.8V to 2.4V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
1.5V
Output Load
70/85/100ns
CL = 100pF + 1TTL Load
55ns
CL = 50pF + 1TTL Load
3 of 4
22/10/97 12:33
-sram/62256ala1
http://www.hea.com/hean2/sram/62256ala1.htm


Similar Part No. - HY62256AJ-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62256AJ-I HYNIX-HY62256AJ-I Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
More results

Similar Description - HY62256AJ-I

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS4SD32M16 MICROSS-AS4SD32M16 Datasheet
5Mb / 52P
   Synchronous DRAM Memory
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
   Flash/SRAM Memory
logo
SPANSION
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
logo
List of Unclassifed Man...
EDI8L21664V ETC1-EDI8L21664V Datasheet
63Kb / 6P
   External SRAM Memory Solution
logo
Mitsubishi Electric Sem...
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
logo
Austin Semiconductor
MT5C2561 AUSTIN-MT5C2561 Datasheet
122Kb / 11P
   MT5C2561 SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com