Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1702JSTZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADAU1702JSTZ-RL
Description  SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1702JSTZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAU1702JSTZ-RL Datasheet HTML 5Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 6Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 7Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 8Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 9Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 10Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 11Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 12Page - Analog Devices ADAU1702JSTZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ADAU1702
Rev. 0 | Page 9 of 52
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
DVDD to GND
0 V to 2.2 V
AVDD to GND
0 V to 4.0 V
IOVDD to GND
0 V to 4.0 V
Digital Inputs
DGND − 0.3 V, IOVDD + 0.3 V
Maximum Junction Temperature
135°C
Storage Temperature Range
−65°C to +150°C
Soldering (10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LQFP
72
19.5
°C/W
ESD CAUTION


Similar Part No. - ADAU1702JSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1702JSTZ-RL AD-ADAU1702JSTZ-RL Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Similar Description - ADAU1702JSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702_15 Datasheet
897Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com