Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05H1SK Datasheet(PDF) 1 Page - ITT Industries

Part # SD05H1SK
Description  Low Profile DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SD05H1SK Datasheet(HTML) 1 Page - ITT Industries

  SD05H1SK Datasheet HTML 1Page - ITT Industries SD05H1SK Datasheet HTML 2Page - ITT Industries SD05H1SK Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-9
I
How To Order
Complete part numbers for SD Series are shown on pages I–9 through I–11. All switches supplied in “OFF” position in rigid
dispensing tubes or tape and reel packaging.
Specifications
SWITCH FUNCTION: SPST - 2, 3, 4, 5, 6, 7, 8, 9, 10 & 12
positions
CONTACT RATING:
Carry: 100 mA @ 50 V DC max.
Switch: 0.1 mA @ 5 V DC min to 100 mA @ 25 V DC max.
MECHANICAL AND ELECTRICAL LIFE: 2,000 make-and-break
cycles at full load, each circuit.
CONTACT RESISTANCE: Below 50 milliohms typ. initial
@ 2-4 V DC, 100mA.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 500 V RMS min. @ sea level between
adjacent terminals.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
OPERATING FORCE: 100-700g inital.
C&K SD Series
Low Profile DIP Switches
PACKAGING: Thru-hole switches supplied in rigid dispensing tubes in
full-tube quantities only: this may effect order quantity. Surface
mount switches available in tape and reel packaging by added ‘R’
to end of part number; 1,000 pieces per reel. Switch position 1
denotes pin number 1. All switch actuators in ‘OFF’ position,
standard.
Materials
CASE & COVER: Thru-hole: polyester (PBT). Surface mount: (PPA),
flame retardant (UL 94V-0).
ACTUATOR: Nylon, flame retardant (UL 94V-0)
CONTACTS: Copper alloy with gold plate.
TERMINALS:
Non-RoHS (K or KR ending part #’s) = Copper alloy with tin/lead plate.
RoHS version (B or BR ending part #’s) = bright tin-plated BeCu.
TERMINAL SEAL: All terminals insert molded.
TAPE SEAL: Polyester
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
Low profile design saves space
Thru-hole and surface mount models
Tape and reel packaging available
Sealed with top tape
RoHS compliant - options available
Sealed Flush Actuator – With Top Tape, Thru-hole Terminals
Process sealed - withstands soldering and cleaning processes
18
7
6
5
4
3
2
.010 TYP.
(0,25)
.023 TYP.
(0,60)
STANDOFF
.027
(0,70)
ACTUATOR TRAVEL
.142
(3,62)
.263
(6,68)
DIM. 'A'
SEE CHART
.325 TYP.
(8,25)
.315 TYP.
(8,00)
.168 TYP.
(4,30)
.126 TYP.
(3,20)
.100 TYP.
(2,54)
.022 TYP.
(0,55)
.059 TYP.
(1,50)
PEELABLE
TAPE SEAL
ORIENTATION MARK
.100
(2,54)
TYP.
.300 TYP.
(7,6)
Ø.038
(0,97)
TYP.
Typical Applications
Address switch for industrial
controls
Logic switching for computers
and peripherals
Function controlling for
numerous applications
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SD02H0B
SD02H0K
2
.258 (6,55)
85
SD03H0B
SD03H0K
3
.358 (9,09)
60
SD04H0B
SD04H0K
4
.458 (11,63)
45
SD05H0B
SD05H0K
5
.558 (14,17)
40
SD06H0B
SD06H0K
6
.658 (16,71)
30
SD07H0B
SD07H0K
7
.758 (19,25
25
SD08H0B
SD08H0K
8
.858 (21,79)
25
SD09H0B
SD09H0K
9
.958 (24,33)
20
SD10H0B
SD10H0K
10
1.058 (26,87)
20
SD12H0B
SD12H0K
12
1.258 (31,95)
15
Schematic
SPST


Similar Part No. - SD05H1SK

ManufacturerPart #DatasheetDescription
logo
C&K Components
SD05H1SK CK-COMPONENTS-SD05H1SK Datasheet
106Kb / 3P
   Low Profile DIP Switches
More results

Similar Description - SD05H1SK

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
   Low Profile DIP Switches
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
   Low Profile DIP Switches
18 oct 18
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
   Low Profile DIP Switches
SDA CK-COMPONENTS-SDA_V02 Datasheet
426Kb / 4P
   Low Profile DIP Switches
28 may 18
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
   Ultra-Low Profile DIP Switches
logo
C&K Components
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com