Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB15 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB15
Description  T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB15 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CB15 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB15 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB15 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB15 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Optical Characteristics at TA = 25˚C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
IV[1] (mcd)
Wavelength
Wavelength
Spectral
2
θ1/2
Luminous
at IF = 20 mA
λPEAK (nm)
λd[2] (nm)
Halfwidth
Degrees[3]
Efficacy[4]
Part Number
Typ.
Typ.
∆λ1/2 (nm)
Typ.
ηV (lm/W)
HLMP-CB15/16
765
1575
470
472
35
15
75
HLMP-CB30/31
270
560
470
472
35
30
75
HLMP-CM15/16
1650
4700
524
526
47
15
520
HLMP-CM30/31
765
1750
524
526
47
30
520
Min.
Typ.
Notes:
1. All InGaN LEDs represented here are IEC825 Class 2. See Application Brief 1009 and 1015 for details.
2. The dominant wavelength
λd is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. Luminous efficacy is the ratio of luminous flux to radiant flux.
Electrical Characteristics at TA = 25˚C
Reverse
Breakdown
Capacitance
Forward Voltage
VR (Volts) at
C (pF), VF = 0,
Thermal
VF (Volts) at IF = 20 mA
IR = 100
µA
f = 1 MHz
Resistance R
θJ-PIN
Min.
Typ.
(˚C/W)
3.8
4.0
5
43
240
Typ.
Max.
Figure 1. Relative Intensity vs.
Wavelength.
Figure 2. Forward Current vs.
Forward Voltage.
Figure 3. Relative Luminous Intensity
vs. Forward Current.
WAVELENGTH – nm
1.0
0.5
0
400
500
700
450
550
0.4
0.3
0.2
0.1
0.6
0.7
0.8
0.9
BLUE
600
650
GREEN
0
30
25
15
10
2.0
3.2
5
20
2.8
2.4
3.6
VF – FORWARD VOLTAGE – V
4.0
0
1.4
0.4
FORWARD CURRENT – mA
0
5
15
30
1.0
10
25
20
1.2
0.8
0.6
0.2


Similar Part No. - HLMP-CB15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15 AVAGO-HLMP-CB15 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P00DD AVAGO-HLMP-CB15-P00DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P00XX AVAGO-HLMP-CB15-P00XX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-QT000 AVAGO-HLMP-CB15-QT000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-CB1G-XZ0DD BOARDCOM-HLMP-CB1G-XZ0DD Datasheet
977Kb / 14P
   T-1쩐 (5 mm) InGaN Blue and Green LEDs
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com