Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2297 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2297
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2297 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2297 Datasheet HTML 3Page - Linear Technology LTC2297 Datasheet HTML 4Page - Linear Technology LTC2297 Datasheet HTML 5Page - Linear Technology LTC2297 Datasheet HTML 6Page - Linear Technology LTC2297 Datasheet HTML 7Page - Linear Technology LTC2297 Datasheet HTML 8Page - Linear Technology LTC2297 Datasheet HTML 9Page - Linear Technology LTC2297 Datasheet HTML 10Page - Linear Technology LTC2297 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2298/LTC2297/LTC2296
7
229876f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2298: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2298: SNR and SFDR vs
Clock Duty Cycle, 65Msps
LTC2298: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2298: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2298: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2298: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2298: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2298 G10
50
100
200
SAMPLE RATE (Msps)
50
110
100
90
80
70
60
100
2298 G11
60 70 80 90
010 20 30 40
110
CLOCK DUTY CYCLE (%)
2298 G12
100
95
90
85
80
75
70
30
40
50
55
35
45
60
65
70
SFDR: DCS ON
SNR: DCS ON
SNR: DCS OFF
SFDR: DCS OFF
INPUT LEVEL (dBFS)
–60
– 50
–40
–20
–30
–10
0
2298 G13
80
70
60
50
40
30
20
10
0
dBFS
dBc
INPUT LEVEL (dBFS)
–60
– 50
– 40
–20
–30
–10
0
2298 G14
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
2298 G15
155
145
135
125
115
105
95
0
20
40
50
10
30
60
70
80
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
2298 G16
12
10
8
6
4
2
0
0
20
40
50
10
30
60
70
80
LTC2298: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
200
2298 G09
50
100
150
75
74
73
72
71
70


Similar Part No. - LTC2297

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2297

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2291 LINER-LTC2291_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com