Electronic Components Datasheet Search |
|
E225S1D1A3RE Datasheet(PDF) 6 Page - ITT Industries |
|
E225S1D1A3RE Datasheet(HTML) 6 Page - ITT Industries |
6 / 8 page Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection A–24 C&K E020 Series Sealed Snap-acting Momentary Pushbutton Switches TERMINATIONS CONTACT MATERIAL SEAL Disposable splashproof boot supplied standard. Remove and discard boot only after soldering and cleaning processes are complete. Dim 'A' SNAP-IN PC MOUNTING E EPOXY SEAL AND DISPOSABLE SPLASHPROOF BOOT V6, V8 VERTICAL MOUNT, V-BRACKET V61, V81 VERTICAL MOUNT, V-BRACKET, SNAP-IN E221SD3V6GE DPDT V6, V61 .460 (11,68) V8, V81 .953 (24,21) DIM ‘A’ OPTION CODE * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 N.O. AND N.C. CONTACTS: Coin silver, with gold plate over nickel plate. 3 COMMON CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 5 TERMINALS: Copper alloy, with matte-tin alloy over nickel plate. NOTE: Any models supplied with P, R, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. E121, E221 models with all options when ordered with mandatory G, R or L contact material. P, B or K contact material must be ordered with EX25 models. R, G or L contact material must be ordered with EX21 models. A OPTION CODE TERMINAL PLATING RATINGS GOLD 1 GOLD 3 TIN-LEAD 4 MATTE-TIN 5 GOLD 1 TIN-LEAD 4 MATTE-TIN 5 LOW LEVEL/DRY CIRCUIT LOW LEVEL/DRY CIRCUIT OR POWER EX25 MODELS ONLY: 0.4 VA MAX. @ 20 V AC OR DC MAX. EX21 MODELS ONLY: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC. B K P G L R GOLD OVER SILVER 2,3 CONTACT MATERIAL RoHS COMPLIANT * RoHS COMPATIBLE * YES NO YES YES NO YES YES YES YES YES YES YES |
Similar Part No. - E225S1D1A3RE |
|
Similar Description - E225S1D1A3RE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |