Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2297UP Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2297UP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2297UP Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2297UP Datasheet HTML 7Page - Linear Technology LTC2297UP Datasheet HTML 8Page - Linear Technology LTC2297UP Datasheet HTML 9Page - Linear Technology LTC2297UP Datasheet HTML 10Page - Linear Technology LTC2297UP Datasheet HTML 11Page - Linear Technology LTC2297UP Datasheet HTML 12Page - Linear Technology LTC2297UP Datasheet HTML 13Page - Linear Technology LTC2297UP Datasheet HTML 14Page - Linear Technology LTC2297UP Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2298/LTC2297/LTC2296
11
229876f
PI FU CTIO S
AINA+ (Pin 1): Channel A Positive Differential Analog
Input.
AINA– (Pin 2): Channel A Negative Differential Analog
Input.
REFHA (Pins 3, 4): Channel A High Reference. Short
together and bypass to Pins 5, 6 with a 0.1µF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 5, 6 with an additional 2.2µF ceramic chip capacitor
and to ground with a 1µF ceramic chip capacitor.
REFLA (Pins 5, 6): Channel A Low Reference. Short
together and bypass to Pins 3, 4 with a 0.1µF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 3, 4 with an additional 2.2µF ceramic chip capacitor
and to ground with a 1µF ceramic chip capacitor.
VDD (Pins 7, 10, 18, 63): Analog 3V Supply. Bypass to
GND with 0.1µF ceramic chip capacitors.
CLKA (Pin 8): Channel A Clock Input. The input sample
starts on the positive edge.
CLKB (Pin 9): Channel B Clock Input. The input sample
starts on the positive edge.
REFLB (Pins 11, 12): Channel B Low Reference. Short
together and bypass to Pins 13, 14 with a 0.1µF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 13, 14 with an additional 2.2µF ceramic chip ca-
pacitor and to ground with a 1µF ceramic chip capacitor.
REFHB (Pins 13, 14): Channel B High Reference. Short
together and bypass to Pins 11, 12 with a 0.1µF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 11, 12 with an additional 2.2µF ceramic chip ca-
pacitor and to ground with a 1µF ceramic chip capacitor.
AINB– (Pin 15): Channel B Negative Differential Analog
Input.
AINB+ (Pin 16): Channel B Positive Differential Analog
Input.
GND (Pins 17, 64): ADC Power Ground.
SENSEB (Pin 19): Channel B Reference Programming Pin.
Connecting SENSEB to VCMB selects the internal reference
and a ±0.5V input range. VDD selects the internal reference
and a ±1V input range. An external reference greater than
0.5V and less than 1V applied to SENSEB selects an input
range of ±VSENSEB. ±1V is the largest valid input range.
VCMB (Pin 20): Channel B 1.5V Output and Input Common
Mode Bias. Bypass to ground with 2.2µF ceramic chip
capacitor. Do not connect to VCMA.
LTC2296: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2296: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2296: SFDR vs Input Level,
fIN = 5MHz, 2V Range, 25Msps
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT LEVEL (dBFS)
–60
– 50
– 40
–20
–30
–10
0
2296 G13
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
2296 G14
70
60
50
40
30
0
10
20
515
25
30
35
2V RANGE
1V RANGE
0
10
20
515
25
30
35
SAMPLE RATE (Msps)
2296 G15
6
4
2
0


Similar Part No. - LTC2297UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2297UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2291 LINER-LTC2291_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com