Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA42A Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA42A
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA42A Datasheet(HTML) 2 Page - Cirrus Logic

  PA42A Datasheet HTML 1Page - Cirrus Logic PA42A Datasheet HTML 2Page - Cirrus Logic PA42A Datasheet HTML 3Page - Cirrus Logic PA42A Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA41/PA42 • PA41A/PA42A
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
350V
350V
OUTPUT CURRENT, continuous within SOA
60 mA
60 mA
OUTPUT CURRENT, peak
120 mA
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
12W
9W
INPUT VOLTAGE, differential
±16 V
±16 V
INPUT VOLTAGE, common mode
±V
S
±V
S
TEMPERATURE, pin solder – 10 sec
300
°C
220
°C
TEMPERATURE, junction2
150
°C
150
°C
TEMPERATURE, storage
–65 to +150
°C
–65 to +150
°C
TEMPERATURE RANGE, powered (case)
–40 to +125
°C
–40 to +125
°C
CAUTION
The PA41/PA42 is constructed from MOSFET transistors. ESD handling procedures must be observed.
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
25
40
15
30
mV
OFFSET VOLTAGE, vs. temperature4, 7
Full temperature range
70
130
40/*
65/*
µV/°C
OFFSET VOLTAGE, vs supply
20
32
*
*
µV/V
OFFSET VOLTAGE, vs time
75
*
µV √kh
BIAS CURRENT, initial 7
5/100
50/2000
**
pA
BIAS CURRENT, vs supply
.2/.5
.5/50
*
*
pA/V
OFFSET CURRENT, initial 7
2.5/100 50/400
*
*
pA
INPUT IMPEDANCE, DC
1011
*
INPUT CAPACITANCE
5
*
pF
COMMON MODE, voltage range
±V
S–12
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
*
*
dB
NOISE, broad band
10kHz BW, R
S = 1KΩ
50
*
µV RMS
NOISE, low frequency
1-10 Hz
110
*
µV p-p
GAIN
OPEN LOOP at 15Hz
R
L = 5KΩ
94
106
*
*
dB
BANDWIDTH, open loop
1.6
*
MHz
POWER BANDWIDTH
C
C = 10pf, 280V p-p
26
*
kHz
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
±V
S–10 ±VS–8.5
V
CURRENT, peak5
120
*
mA
CURRENT, continuous
60
*
mA
SETTLING TIME to .1%
C
C = 10pF, 10V step, AV = –10
12
*
µs
SLEW RATE
C
C = OPEN
40
*
V/
µs
CAPACITIVE LOAD
A
V = +1
10
*
nF
RESISTANCE 6, no load
R
CL = 0
150
*
RESISTANCE 6, 20mA load
R
CL = 0
25
*
POWER SUPPLY
VOLTAGE3
See Note 3
±50
±150
±175
*
*
*
V
CURRENT, quiescent
1.6
2.0
.9
1.4
1.8
mA
THERMAL
PA41 RESISTANCE, AC junction to case
F > 60Hz
5.4
6.5
*
*
°C/W
PA42 RESISTANCE, AC junction to case
F > 60Hz
7
10
*
*
°C/W
PA41 RESISTANCE, DC junction to case
F < 60Hz
9
10.4
*
*
°C/W
PA42 RESISTANCE, DC junction to case
F < 60Hz
12
14
*
*
°C/W
PA41 RESISTANCE, junction to air
Full temperature range
30
*
°C/W
PA42 RESISTANCE, junction to air
Full temperature range
55
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
SPECIFICATIONS
NOTES:
*
The specification for PA41A/PA42A is identical to the specification for PA41/PA42 in applicable column to the left.
1.
Unless otherwise noted T
C = 25°C, CC = 18pF, RC = 2.2KΩ. DC input specifications are ± value given. Power supply voltage is
typical rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Derate maximum supply voltage .5 V/
°C below case temperature of 25°C. No derating is needed above T
C = 25°C.
4.
Sample tested by wafer to 95%.
5.
Guaranteed but not tested.
6.
The selected value of R
CL must be added to the values given for total output resistance.
7.
Specifications separated by / indicate values for the PA41 and PA42 respectively.
PA41/PA42
PA41A/PA42A
PA41/PA41A
PA42/PA42A


Similar Part No. - PA42A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4201 PROTEC-PA4201 Datasheet
126Kb / 7P
   PUNK POP-UP NOISE KILLER
PA4201 PROTEC-PA4201 Datasheet
1,004Kb / 8P
   Pop-Up-Noise Killer
PA4201 PROTEC-PA4201_09 Datasheet
1,004Kb / 8P
   Pop-Up-Noise Killer
PA4220 PROTEC-PA4220 Datasheet
198Kb / 7P
   Pop-Up and Shutdown Noise Suppressor
PA4220DN-T7 PROTEC-PA4220DN-T7 Datasheet
198Kb / 7P
   Pop-Up and Shutdown Noise Suppressor
More results

Similar Description - PA42A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com