Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761683BDAR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN761683BDAR
Description  TV TUNER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761683BDAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN761683BDAR Datasheet HTML 6Page - Texas Instruments SN761683BDAR Datasheet HTML 7Page - Texas Instruments SN761683BDAR Datasheet HTML 8Page - Texas Instruments SN761683BDAR Datasheet HTML 9Page - Texas Instruments SN761683BDAR Datasheet HTML 10Page - Texas Instruments SN761683BDAR Datasheet HTML 11Page - Texas Instruments SN761683BDAR Datasheet HTML 12Page - Texas Instruments SN761683BDAR Datasheet HTML 13Page - Texas Instruments SN761683BDAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
I2C Bus Mode
I2C Write Mode (R/W = 0)
SN761683B
TV TUNER IC
SLES180 – MAY 2006
Table 1. Write Data Format
MSB
LSB
Address byte (ADB)
1
1
0
0
0
MA1
MA0
R/W = 0
A(1)
Divider byte 1 (DB1)
0
N14
N13
N12
N11
N10
N9
N8
A(1)
Divider byte 2 (DB2)
N7
N6
N5
N4
N3
N2
N1
N0
A(1)
Control byte (CB)
1
CP
T2
T1
T0
RSA
RSB
OS
A(1)
Band-switch byte (BB)
X
X
X
X
BS4
BS3
BS2
BS1
A(1)
(1)
Acknowledge
Table 2. I2C Write-Mode Data-Symbol Description
SYMBOL
DESCRIPTION
DEFAULT
MA1, MA0
Address set bits (see Table 3)
Programmable counter set bits
N = N14
× 214 + N13 × 213 + ... + N1 × 2 + N0
N14–N0
Nn = 0
Oscillation frequency = fr × 8 × N
fr = Reference frequency = 4 MHz/Reference divider
Charge-pump current set bit
CP
CP = 1
60
µA (CP = 0), 280 µA (CP = 1)
Test bits (see Table 4)
T2–T0
T2 = 0, T1 = 0, T0 = 1
Normal mode: T2 = 0, T1 = 0, T0 = 1/0
RSA, RSB
Reference divider ratio selection bits (see Table 6)
RSA = 0, RSB = 1
Tuning amplifier control bit
OS
OS = 0
Tuning voltage on (OS = 0)
Tuning voltage off, high impedance (OS = 1)
Band-switch ports control bits
BS3 = 1: BS3 port ON
BS3 = 0: BS3 port OFF
Band selection by BS1, BS2, and BS4 bits:
BS1
BS2
BS4
SELECTED BAND
"ON" PORT
0
0
0
UHF
BS4
BS4–BS1
BSn = 0 (UHF)
1
0
0
VHF-LOW
BS1
0
1
0
VHF-HIGH
BS2
1
1
0(1)
VHF-HIGH
(BS1, BS2)
0
0
1
UHF
BS4
1
0
1(1)
UHF
(BS1, BS4)
0
1
1(1)
UHF
(BS2, BS4)
1
1
1(1)
UHF
(BS1, BS2, BS4)
(1) These bit patterns are forbidden, due to limitation of band-switch output current.
X
Don't care
10
Submit Documentation Feedback


Similar Part No. - SN761683BDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBT TI-SN761681DBT Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBTG4 TI-SN761681DBTG4 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBTR TI-SN761681DBTR Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761681DBTRG4 TI-SN761681DBTRG4 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761683BDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com