Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1676B Datasheet(PDF) 3 Page - NEC

Part # UPC1676B
Description  1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676B Datasheet(HTML) 3 Page - NEC

  UPC1676B Datasheet HTML 1Page - NEC UPC1676B Datasheet HTML 2Page - NEC UPC1676B Datasheet HTML 3Page - NEC UPC1676B Datasheet HTML 4Page - NEC UPC1676B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC1676B/P
INPUT AND OUTPUT
RETURN LOSS vs. FREQUENCY
UPC1676B/P
NOISE FIGURE AND
GAIN vs. FREQUENCY
0
-10
-20
-30
-40
50
100
200
500
1000
2000
Output
Input
Frequency, f (MHz)
10
0
-10
-20
-30
-20
-10
0
VCC = 5 V
f = 500 MHz
Input Power, PIN (dBm)
20
15
10
8
6
4
2
0
5
0
50
100
200
500
1000
2000
NF
|S21|
2
Frequency, f (MHz)
UPC1676B, UPC1676G, UPC1676P
UPC1676G
INSERTION POWER GAIN
vs. FREQUENCY AND TEMPERATURE
UPC1676G
INPUT AND OUTPUT
RETURN LOSS vs. FREQUENCY
Frequency, f (MHz)
60
100
200
500
1000
2000
0
-10
-20
-30
VCC = 5 V
RL OUT
RLIN
VCC = 5 V
+25˚C
+85˚C
TA = -40˚C
60
100
200
500
1000
2000
30
20
10
0
Frequency, f (MHz)
SSB Output Power of Signal (dBm)
-10
-20
-30
-40
-50
-20
-10
0
VCC = 5.5
VCC = 4.5
VCC = 5.0
f1 = 500 MHz
f2 = 504 MHz
UPC1676G
OUTPUT POWER vs. INPUT POWER
UPC1676G
THIRD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER AND VOLTAGE


Similar Part No. - UPC1676B

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
   GENERAL PURPOSE WIDE BNAD AMPLIFIER
UPC1676P NEC-UPC1676P Datasheet
42Kb / 8P
   GENERAL PURPOSE WIDE BNAD AMPLIFIER
More results

Similar Description - UPC1676B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
   Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
   Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Agilent(Hewlett-Packard...
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com