Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1676G Datasheet(PDF) 5 Page - NEC

Part # UPC1676G
Description  1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676G Datasheet(HTML) 5 Page - NEC

  UPC1676G Datasheet HTML 1Page - NEC UPC1676G Datasheet HTML 2Page - NEC UPC1676G Datasheet HTML 3Page - NEC UPC1676G Datasheet HTML 4Page - NEC UPC1676G Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OUTLINE DIMENSIONS
UPC1676P (CHIP)
(Units in
µm)
• Die Size: 0.60 mm x 0.65 mm
• Thickness: 170
± 30 µm
• Pad Size: 100
µm x 100 µm
• Ti/Pt/Au Metallization
BONDING PAD (mm)
BONDING
PAD
PAD NO.
X AXIS
Y AXIS
CONNECTION
1
-185
210
INPUT
2
-5
-210
GND
3
+185
-210
GND
4
+185
-210
OUTPUT
5
-175
+210
VCC
UPC1676B
PACKAGE OUTLINE B08
(Units in mm)
CHIP FEATURES
BONDING INFORMATION
5. Output
6. GND
7. VCC
8. GND
LEAD
CONNECTIONS
1. Input
2. GND
3. GND
4. GND
5
4
1
2
3
PIN
CONNECTIONS
1. GND
2. Output
3. VCC
4. Input
UPC1676G
PACKAGE OUTLINE 39
(Units in mm)
2.8
+0.2
-0.3
+0.10
-0.05
(LEADS 2, 3, 4)
0.6
+0.10
-0.05
0.16
+0.10
-0.06
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.9
± 0.2 0.95
0.85
1.9
1.5
+0.2
-0.1
(LEADS 2, 4, 6, 8) 0.6
1.27±0.1 1.27±0.1
10.6 MAX
3.8±0.2
5
4
3
2
6
7
8
3.8±0.2
10.6 MAX
1
1.7 MAX
0.2
+0.05
-0.02
0.4 (LEADS 1, 3, 5, 7)
UPC1676B, UPC1676G, UPC1676P
Note:
All dimensions are typical unless otherwise specified.
PART NUMBER
QTY
UPC1676G-T1
3000 / Reel
ORDERING INFORMATION
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - UPC1676G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
   GENERAL PURPOSE WIDE BNAD AMPLIFIER
More results

Similar Description - UPC1676G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
   Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
   Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Agilent(Hewlett-Packard...
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com