Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGE788 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGE788
Description  CATV amplifier module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGE788 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGE788 Datasheet HTML 1Page - NXP Semiconductors BGE788 Datasheet HTML 2Page - NXP Semiconductors BGE788 Datasheet HTML 3Page - NXP Semiconductors BGE788 Datasheet HTML 4Page - NXP Semiconductors BGE788 Datasheet HTML 5Page - NXP Semiconductors BGE788 Datasheet HTML 6Page - NXP Semiconductors BGE788 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9397 750 14433
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 30 March 2005
2 of 7
Philips Semiconductors
BGE788
750 MHz, 34 dB gain push-pull amplifier
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
input
2
common
3
common
5+VB
7
common
8
common
9
output
9
13 57
23 78
5
9
1
sym095
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BGE788
-
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2
× 6-32 UNC and 2 extra
horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VB
supply voltage
-
25
V
Vi
RF input voltage
-
55
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
mounting base temperature
−20
+100
°C


Similar Part No. - BGE788

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE788 PHILIPS-BGE788 Datasheet
46Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
Rev. 04-30 March 2005
BGE788 NXP-BGE788 Datasheet
103Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
Rev. 5 - 16 September 2011
BGE788C PHILIPS-BGE788C Datasheet
44Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
Rev. 01-1 April 2005
BGE788C NXP-BGE788C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BGE788C_ JMNIC-BGE788C__15 Datasheet
51Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
More results

Similar Description - BGE788

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com