Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTB2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTB2
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTB2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTB2 Datasheet HTML 6Page - Linear Technology LTB2 Datasheet HTML 7Page - Linear Technology LTB2 Datasheet HTML 8Page - Linear Technology LTB2 Datasheet HTML 9Page - Linear Technology LTB2 Datasheet HTML 10Page - Linear Technology LTB2 Datasheet HTML 11Page - Linear Technology LTB2 Datasheet HTML 12Page - Linear Technology LTB2 Datasheet HTML 13Page - Linear Technology LTB2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT6202/LT6203/LT6204
10
620234fa
VOS Distribution, VCM = V+/2
VOS Distribution, VCM = V+
VOS Distribution, VCM = V
Supply Current vs Supply Voltage
(Both Amplifiers)
Offset Voltage vs Input
Common Mode Voltage
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
Output Saturation Voltage vs
Load Current (Output High)
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT OFFSET VOLTAGE (
µV)
–250
0
5
15
20
25
50
150
45
LT6202/03/04 G01
10
–150
–50 0
250
30
35
40
VS = 5V, 0V
S8
INPUT OFFSET VOLTAGE (
µV)
–800
0
10
30
40
50
–400
0
200
1000
LT6202/03/04 G02
20
–600
–200
400 600 800
60
VS = 5V, 0V
S8
INPUT OFFSET VOLTAGE (
µV)
–800
0
10
20
30
40
–400
0
400
800
LT6202/03/04 G03
50
60
–600
–200
200
600
VS = 5V, 0V
S8
TOTAL SUPPLY VOLTAGE (V)
06
10
LT6202/03/04 G04
24
812
14
TA = 125°C
TA = 25°C
TA = –55°C
12
10
8
6
4
2
0
INPUT COMMON MODE VOLTAGE (V)
–1
1.0
1.5
2.0
24
LT6202/03/04 G05
0.5
0
01
35
6
–0.5
–1.0
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = 25°C
TA = –55°C
COMMON MODE VOLTAGE (V)
–1
–6
–4
–2
0
2
01
2
3
LT6202/03/04 G06
45
6
TA = 125°C
TA = 25°C
TA = –55°C
VS = 5V, 0V
TEMPERATURE (
°C)
–50
–5
–4
–2
–1
0
2
–20
10
25
85
LT6202/03/04 G07
–3
3
4
1
–35
–5
40
55
70
–6
VS = 5V, 0V
VCM = 5V
VCM = 0V
LOAD CURRENT (mA)
0.01
0.1
1
10
0.01
1
10
100
LT6202/03/04 G08
0.001
0.1
TA = 125°C
TA = 25°C
VS = 5V, 0V
TA = –55°C
LOAD CURRENT (mA)
0.01
0.1
1
10
0.01
1
10
100
LT6202/03/04 G09
0.001
0.1
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C


Similar Part No. - LTB2

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LTB20-C1050 PAIRUI-LTB20-C1050 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB20-C350 PAIRUI-LTB20-C350 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB20-C500 PAIRUI-LTB20-C500 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB20-C700 PAIRUI-LTB20-C700 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB25-C1050 PAIRUI-LTB25-C1050 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
More results

Similar Description - LTB2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Microchip Technology
RE46C311 MICROCHIP-RE46C311 Datasheet
850Kb / 22P
   Low-Input Leakage, Rail-to-Rail Input/Output Op Amps
11/29/12 2013
logo
Linear Technology
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com