Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6203IMS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6203IMS8
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6203IMS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6203IMS8 Datasheet HTML 2Page - Linear Technology LT6203IMS8 Datasheet HTML 3Page - Linear Technology LT6203IMS8 Datasheet HTML 4Page - Linear Technology LT6203IMS8 Datasheet HTML 5Page - Linear Technology LT6203IMS8 Datasheet HTML 6Page - Linear Technology LT6203IMS8 Datasheet HTML 7Page - Linear Technology LT6203IMS8 Datasheet HTML 8Page - Linear Technology LT6203IMS8 Datasheet HTML 9Page - Linear Technology LT6203IMS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT6202/LT6203/LT6204
6
620234fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS TC
Input Offset Voltage Drift (Note 9)
VCM = Half Supply
q
3.0
9.0
µV/°C
Input Offset Voltage Match
VCM = Half Supply
q
0.3
1.0
mV
(Channel-to-Channel) (Note 6)
VCM = V
to V+
q
0.7
2.5
mV
IB
Input Bias Current
VCM = Half Supply
q
–7.0
–1.3
µA
VCM = V+
q
1.3
2.5
µA
VCM = V
q
–8.8
–3.3
µA
∆IB
IB Shift
VCM = Vto V+
q
4.7
11.3
µA
IB Match (Channel-to-Channel) (Note 6)
q
0.1
0.6
µA
IOS
Input Offset Current
VCM = Half Supply
q
0.2
1
µA
VCM = V+
q
0.2
1.1
µA
VCM = V
q
0.2
1.2
µA
AVOL
Large Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
q
32
60
V/mV
VS = 5V, VO = 1.5V to 3.5V, RL = 100 to VS/2 q
4.0
10
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
q
13
32
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = Vto V+
q
60
80
dB
VS = 5V, VCM = 1.5V to 3.5V
q
75
95
dB
VS = 3V, VCM = Vto V+
q
56
75
dB
CMRR Match (Channel-to-Channel) (Note 6) VS = 5V, VCM = 1.5V to 3.5V
q
80
100
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V, VCM = 0V
q
60
70
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V, VCM = 0V
q
70
100
dB
Minimum Supply Voltage (Note 7)
q
3.0
V
VOL
Output Voltage Swing LOW Saturation
No Load
q
670
mV
(Note 8)
ISINK = 5mA
q
95
210
mV
ISINK = 15mA
q
210
400
mV
VOH
Output Voltage Swing HIGH Saturation
No Load
q
55
110
mV
(Note 8)
ISOURCE = 5mA
q
125
240
mV
VS = 5V, ISOURCE = 15mA
q
370
650
mV
VS = 3V, ISOURCE = 15mA
q
270
650
mV
ISC
Short-Circuit Current
VS = 5V
q
±15
±25
mA
VS = 3V
q
±15
±23
mA
IS
Supply Current per Amp
VS = 5V
q
3.3
4.1
mA
VS = 3V
q
3.0
3.65
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz
q
83
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
q
12
17
V/
µs
FPBW
Full Power Bandwidth (Note 10)
VS = 5V, VOUT = 3VP-P
q
1.3
1.8
MHz
The q denotes the specifications which apply over –40
°C < TA < 85°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT6203IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6203 LINER-LT6203 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6203 LINER-LT6203 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6203 LINER-LT6203 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LT6203 LINER-LT6203 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LT6203 LINER-LT6203 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT6203IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Microchip Technology
RE46C311 MICROCHIP-RE46C311 Datasheet
850Kb / 22P
   Low-Input Leakage, Rail-to-Rail Input/Output Op Amps
11/29/12 2013
logo
Linear Technology
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com