Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5173MNR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5173MNR2
Description  1.5 A 560 kHz-1.0 MHz Boost Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5173MNR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5173MNR2 Datasheet HTML 4Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 5Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 6Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 7Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 8Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 9Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 10Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 11Page - ON Semiconductor NCP5173MNR2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP5173
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature (
°C)
80
100
120
140
0
100
50
160
VCC = 12 V
VCC = 30 V
VCC = 2.7 V
60
40
VSS (V)
10
20
30
40
17
5
−40
°C
0
−10
85
°C
25
°C
39
Figure 15. Shutdown Delay vs. Temperature
Figure 16. ISS vs. VSS
VIN (V)
20
30
40
10
−40
°C
10
0
85
°C
25
°C
Figure 17. ICC vs. VIN During Shutdown
Temperature (
°C)
450
500
0
100
50
550
600
Figure 18. Error Amplifier Transconductance
vs. Temperature
VREF − VFB (mV)
20
60
100
0
−20
−60
25
−25
−75
−125
−175
−255
Figure 19. Error Amplifier IOUT vs. VFB
Temperature (
°C)
2.6
0
100
50
2.5
2.4
2.3
2.2
2.1
2.0
Figure 20. Switch Leakage vs. Temperature


Similar Part No. - NCP5173MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5173MNR2 ONSEMI-NCP5173MNR2 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
More results

Similar Description - NCP5173MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com