Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8532 Datasheet(PDF) 11 Page - SHANGHAI BELLING CO., LTD.

Part # BL8532
Description  White LED PFM Step-Up DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8532 Datasheet(HTML) 11 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8532 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL8532 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
http://www.belling.com.cn
- 11-
8/8/2006
Total 13 Pages
BL8532
Typical characteristic:
BL8532-20PSN Output Current VS. Input Voltage
BL8532-20PSN Efficiency VS. Input Voltage(Iout=100mA)
BL8532-20PSN Efficiency VS. Input Voltage(Iout=200mA)
BL8532-20PSN Efficiency VS. Input Voltage(Iout=300mA)
BL8532-20PSN Ripple Voltage VS. Input Voltage(Iout=100mA)
Input Voltage (V)
BL8532-20PSN Ripple Voltage VS. Input Voltage(Iout=200mA)
BL8532-20PSN Ripple Voltage VS. Input Voltage(Iout=300mA)


Similar Part No. - BL8532

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8532B BELLING-BL8532B Datasheet
173Kb / 11P
   White LED PFM Step-Up DC-DC Converter
More results

Similar Description - BL8532

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8532B BELLING-BL8532B Datasheet
173Kb / 11P
   White LED PFM Step-Up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE703 ACE-ACE703 Datasheet
618Kb / 16P
   White LED PFM Step-Up DC-DC Converter
VER 1.2
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com