Part Name
         Description
54VCXHR162245

 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS ( 11 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 
 5 page
background image
54VCXHR162245
5/11
Table 7: DC Specifications (2.3V < VCC < 2.7V unless otherwise specified)
Table 8: Dynamic Switching Characteristics (Ta = 25°C, Input tr = tf = 2.0ns, CL = 30pF, RL = 500Ω)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the HIGH state.
3) Parameters guaranteed by design.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-55 to 125 °C
Min.
Max.
VIH
High Level Input Voltage
2.3 to 2.7
1.6
V
VIL
Low Level Input Voltage
0.7
VOH
High Level Output
Voltage
2.3 to 2.7
IO=-100 µAVCC-0.2
V
2.3
IO=-4 mA
2.0
IO=-6 mA
1.8
IO=-8 mA
1.7
VOL
Low Level Output Voltage
2.3 to 2.7
IO=100 µA
0.2
V
2.3
IO=6 mA
0.4
IO=8 mA
0.6
II
Input Leakage Current
2.3 to 2.7
VI = 0 to 3.6V
± 5
µA
II(HOLD)
Input Hold Current
2.3
VI = 0.7V
45
µA
VI = 1.7V
-45
Ioff
Power Off Leakage
Current
0
VI or VO = 0 to 3.6V
10
µA
IOZ
High Impedance Output
Leakage Current
2.3 to 2.7
VI = VIH or VIL
VO = 0 to 3.6V
± 10
µA
ICC
Quiescent Supply Current
2.3 to 2.7
VI = VCC or GND
20
µA
VI or VO = VCC to 3.6V
± 20
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
VOLP
Dynamic Peak Low Voltage
Quiet Output (note 1, 3)
2.5
VIL = 0V
VIH = VCC
0.25
V
3.3
0.35
VOLV
Dynamic Valley Low Voltage
Quiet Output (note 1, 3)
2.5
VIL = 0V
VIH = VCC
-0.25
V
3.3
-0.35
VOHV
Dynamic Valley High Voltage
Quiet Output (note 2, 3)
2.5
VIL = 0V
VIH = VCC
2.05
V
3.3
2.65
1  2  3  4  5  6  7  8  9  10  11 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXH162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXR162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCX162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
54VCXH162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE INV WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX162244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXH32245LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VCXH16374LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX16245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VCX16245FTLOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl