Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN114 Datasheet(PDF) 1 Page - Xicor Inc.

Part # AN114
Description  Interfacing the X9408/X9418 XDCP to 8051 Microcontrollers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

AN114 Datasheet(HTML) 1 Page - Xicor Inc.

  AN114 Datasheet HTML 1Page - Xicor Inc. AN114 Datasheet HTML 2Page - Xicor Inc. AN114 Datasheet HTML 3Page - Xicor Inc. AN114 Datasheet HTML 4Page - Xicor Inc. AN114 Datasheet HTML 5Page - Xicor Inc. AN114 Datasheet HTML 6Page - Xicor Inc. AN114 Datasheet HTML 7Page - Xicor Inc. AN114 Datasheet HTML 8Page - Xicor Inc. AN114 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Application Note
1 of 12
www.xicor.com
REV 1.1 11/12/02
AN 114
Interfacing the X9408/X9418 XDCP to 8051 Microcontrollers
by Applications Staff,
This application note describes the routines for the
control of an X9408 or X9418 digitally controllable
potentiometer. The X9408/X9418 devices have a variety
of different instructions that provide flexibility to the
designer. Additionally, the nonvolatile nature of the
device allows for stored wiper positions that can be
retrieved after power cycles.
The following code implements all of the available
X9408/X9418 instructions using a standard bi-direc-
tional bus protocol. Although the subroutines occupy
about 300 bytes of program memory, designers who
won't need to implement all of the instructions can
shorten the code by removing any unnecessary routines.
However, this will necessitate the reassembly of the
code.
For those instructions which program the nonvolatile
data registers (XFR_WCR, GXFR_WCR, &
WRITE_DR), acknowledge polling has been imple-
mented to determine an early completion of the internal
write cycle. Although this is automatically handled by
the routines, a word or two regarding the procedure
should be informative. After issuing a start condition, the
master sends a slave address and receives an acknowl-
edge. It then issues an instruction byte to the X9408/
X9418 and again receives an acknowledge. If necessary,
it now transmits the data byte and receives a final
acknowledge. The master must then initiate a stop condi-
tion which will cause the X9408/X9418 to begin an
internal write cycle. The X9408/X9418 pins go to high
impedance until this internal cycle is complete. The
Figure 1. Connecting the X9408 to an 80C51 microcontroller
+5V
-5V
U1
80C51
21
22
23
24
25
26
27
28
17
16
29
30
11
10
31
19
18
9
39
38
37
36
35
34
33
32
1
2
3
4
5
6
7
8
12
13
14
15
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
RD
WR
PSEN
ALE/P
TXD
RXD
EA/VP
X1
X2
RST
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
INT0
INT1
T0
T1
U2
X940
8
19
15
14
16
22
21
23
1
24
17
7
18
5
8
20
3
4
2
10
11
9
13
VSS
VH2
VW2
VL2
VH3
VW3
VL3
VCC
V+
SCL
SDA
A3
A2
A1
A0
VH0
VW0
VL0
VH1
VW1
VL1
V-
R1
10K
R2
10K


Similar Part No. - AN114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11411 PHILIPS-AN11411_15 Datasheet
175Kb / 26P
   SSL3401HN dimmable driver for MR16/12 V GU5.3
Rev. 1-23 January 2014
AN11470 NXP-AN11470 Datasheet
567Kb / 25P
   Leadless Schottky diodes in a DC-to-DC step-up converter
Rev. 1-22 April 2014
AN11486 PHILIPS-AN11486_15 Datasheet
464Kb / 53P
   GreenChip SSL8516T PFC and flyback controller
Rev. 1-17 July 2014
logo
Lumileds Lighting Compa...
AN1149-3 LUMILEDS-AN1149-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AN1149-3A LUMILEDS-AN1149-3A Datasheet
187Kb / 7P
   Advanced Electrical Design Models
More results

Similar Description - AN114

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1241 FREESCALE-AN1241 Datasheet
1Mb / 21P
   Interfacing the MC68HC705J1A to 9356/9366 EEPROMs
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
[Old version datasheet]   Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
logo
Exar Corporation
DAN-107 EXAR-DAN-107 Datasheet
35Kb / 4P
   Interfacing 16Cxxx UARTs to a CPU
logo
Analog Devices
CN-0016 AD-CN-0016 Datasheet
128Kb / 2P
   Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0018 AD-CN-0018 Datasheet
129Kb / 2P
   Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0021 AD-CN-0021 Datasheet
139Kb / 3P
   Interfacing the ADL5375 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
logo
NXP Semiconductors
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
Analog Devices
CN-0205 AD-CN-0205 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com