Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF0320M-11ATXX Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF0320M-11ATXX
Description  8/16-bit Data Bus Flash ATA PC Card
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0320M-11ATXX Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF0320M-11ATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MF0320M-11ATXX Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
MF0XXXX-11ATXX series
ATA PC CARDS
MITSUBISHI
ELECTRIC
11
June.2001 Rev. 1.3
Configuration Register Specifications
Configuration Option Register
This register is used for the configuration of the card
configuration status and for the issuing soft reset to the
card.
D7
D6
D5
D4
D3
D2
D1
D0
SRESET
LevIREQ
Index
Name
R/W
Description
SRESET
R/W
Setting this bit to “1”, places the card in the
reset state. When the host returns this bit to
“0”, the function shall enter the same
unconfigured, reset state as the card does
following a power-up and hardware reset.
LevIREQ
R/W
If this bit is set to “0”, card generates pulse
mode interrupt. If this bit is set to “1”, card
generates level mode interrupts.
Index
R/W
This bits is used for select operation mode of
the card as follows.
When Power on, Card Hard Reset and Soft
reset, this data is “000000” for the purpose of
Memory card interface recognition.
Index: 0 -> Memory mapped
1 -> Contiguous I/O mapped
2 -> Primary I/O mapped
3 -> Secondary I/O mapped
Configuration and Status Register
This register is used for observing the card state.
D7
D6
D5
D4
D3
D2
D1
D0
Changed
SigChg
Iois8
0
0
PwrDwn
Intr
0
Name
R/W
Description
Changed
R/O
This bit indicates that CREADY bit on the Pin
Replacement register is set to “1”. When
Changed bit is set to “1”, STSCHG# pin is
held “L” if the SigChg bit is “1” and the card is
configured for the I/O interface.
SigChg
R/W
This bit is set or reset by the host for enabling
and disabling the status change
signal(STSCHG# pin). When the card is
configured I/O card interface and this bit is set
to “1”, STSCHG# pin is controlled by Changed
bit. If this bit is set to “0”, STSCHG# pin is
kept “H”.
Iois8
R/W
This card is always configured for both 8-bit
and 16-bit I/O, so this bit is ignored.
PwrDwn
R/W
When this bit is set to “1”, the card enters
Power Down mode. When this bit is reset to
“0”, the host is requesting the card to enter the
active mode. RREADY bit on Pin
Replacement Register becomes BUSY when
this bit is changed. RREADY will not become
Ready until the power state requested has
been entered. This card automatically powers
down when it is idle, and powers back up
when it receives a command.
Intr
R/W
This bit represents the internal state of the
interrupt request. This bit state is available
whether I/O card interface has been
configured or not. This signal remains true
until the condition which caused the interrupt
request has been serviced. If interrupts are
disabled by the nIEN bit in the Device Control
Register, this bit is a zero.
Pin Replacement Register
This register is used for providing the signal state of
READY signal when the card configured I/O card
interface.
D7
D6
D5
D4
D3
D2
D1
D0
0
0
CREADY
0
1
1
RREADY
0
Name
R/W
Description
CREADY
R/W
This bit is set to “1” when the RREADY bit
changes state. This bit may also be written by
the host.
RREADY
R/W
When read, this bit indicates READY pin
states. When written, this bit acts as a mask
for writing the CREADY bit.
Socket and Copy Register
This register is used for identification of the card from
the other cards. Host can read and write this register.
This register should be set by host before this card’s
Configuration Option register set.
D7
D6
D5
D4
D3
D2
D1
D0
0
Copy Number
Socket Number
Name
R/W
Description
Copy Number
R/W
This bit indicates the drive number of the
card for twin card configuration.
And the host can select and drive one card
by comparing the number in this field with
the drive number of Drive Head Register.
In the way, the host can perform the card’s
master/slave organization.
Socket
Number
R/W
This field indicates to the card that it is
located in the n’th socket.


Similar Part No. - MF0320M-11ATXX

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
More results

Similar Description - MF0320M-11ATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF007M5-03ATXX MITSUBISHI-MF007M5-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com