Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA143T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA143T
Description  PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143T Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA143T Datasheet HTML 1Page - NXP Semiconductors PDTA143T Datasheet HTML 2Page - NXP Semiconductors PDTA143T Datasheet HTML 3Page - NXP Semiconductors PDTA143T Datasheet HTML 4Page - NXP Semiconductors PDTA143T Datasheet HTML 5Page - NXP Semiconductors PDTA143T Datasheet HTML 6Page - NXP Semiconductors PDTA143T Datasheet HTML 7Page - NXP Semiconductors PDTA143T Datasheet HTML 8Page - NXP Semiconductors PDTA143T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 Sep 08
2004 Aug 04
DISCRETE SEMICONDUCTORS
PDTA143T series
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open


Similar Part No. - PDTA143T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143T NEXPERIA-PDTA143T Datasheet
385Kb / 15P
   PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
logo
NXP Semiconductors
PDTA143TE NXP-PDTA143TE Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143TE NEXPERIA-PDTA143TE Datasheet
402Kb / 15P
   NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTA143TE NEXPERIA-PDTA143TE Datasheet
385Kb / 15P
   PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
More results

Similar Description - PDTA143T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PUMB14 PHILIPS-PUMB14 Datasheet
58Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
Rev. 01-17 February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com