Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8384B-XXCDT Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8384B-XXCDT
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384B-XXCDT Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX8384B-XXCDT Datasheet HTML 3Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 4Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 5Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 6Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 7Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 8Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 9Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 10Page - Microsemi Corporation LX8384B-XXCDT Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 2.1d, 2001-03-15
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION
A
M I CROS E M I
COM P A N Y

 
 
10µ F
LX 8384x
R1
121
1%
R2
365
1%
IN
AD J
OU T
F IG URE 4
- IM PR O V IN G R IPPLE R E JE C TIO N
V
IN
V
OUT
C1
10µ F *
150µ F
+
+
* C 1 im proves ripple rejection.
X
C
should be
R 1 at ripple
frequency.
(N ote A)


C1 *
10µ F
LX 8384 x
R1
121
1%
R2
1k
IN
AD J
OU T
F IG URE 5
- 1.2V - 8V AD JU STABLE R E G U LA TO R
V
IN
V
OUT
**
C2
100µ F
+
+
* N eeded if device is far from filter capacitors.
+
=
R1
R2
1
1.25V
*V
*
OU T
(N ote A)
10 µ F
36 5
1%
LX 8384x
10 0µ F
1k
1k
12 1
1%
2N 390 4
IN
AD J
OU T
FIG U R E 6
- 5V R E G U LA TO R W ITH S H U TD O W N
TTL
O u tput
V
IN
5V
+
+
(N o te A )
LX 838 4x
IN
AD J
OUT
FIG U R E 7 - F IXE D 3.3V O U TP U T R E G U LA TO R
V
IN
3.3 V
10 µ F T an talum or
10 0µ F A lum inum
M in. 15 µ F T an talu m or
10 0µ F A lum inum capacito r. M ay
be in cre as ed w ith ou t lim it. E S R
m us t be le ss th an <40 0m
.
Note A:
X)
DROPOUT(MA
OUT
IN(MIN)
V
)
V
(
V
Intended
+
=


Similar Part No. - LX8384B-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384B-XXCDT MICROSEMI-LX8384B-XXCDT Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384B-XXCDT-TR MICROSEMI-LX8384B-XXCDT-TR Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384B-XXCDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com