Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8551-33CSN Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8551-33CSN
Description  150mA CMOS High Input Voltage Low Consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8551-33CSN Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8551-33CSN Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8551-33CSN Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.belling.com.cn
-6-
8/8/2006
Total 12 Pages
BL8551
0
2
4
6
8
10
0
5
10
15
20
25
Vin (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
Iout (mA)
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100 120 140 160
Iout (mA)
Typical Performance Characteristics
Output Current
Output Voltage
Cout=0.1uF
Vin=5.3V
Load Transient Response
Iout=20mA Cout=0.1uF
Input Voltage
5V
10V
Output Voltage
Input Transient Response


Similar Part No. - BL8551-33CSN

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8551-30CARN BELLING-BL8551-30CARN Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
BL8551-30CBRN BELLING-BL8551-30CBRN Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
BL8551-30CQ BELLING-BL8551-30CQ Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
BL8551-30CRA BELLING-BL8551-30CRA Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
BL8551-30CRB BELLING-BL8551-30CRB Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
More results

Similar Description - BL8551-33CSN

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6140 AITSEMI-A6140 Datasheet
692Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6151A AITSEMI-A6151A Datasheet
552Kb / 10P
   CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6151 AITSEMI-A6151 Datasheet
504Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
   Low Input Voltage 150mA Linear Regulator
logo
ACE Technology Co., LTD...
ACE577C ACE-ACE577C Datasheet
657Kb / 9P
   40V 150mA Low Consumption Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8078 BELLING-BL8078 Datasheet
1,005Kb / 5P
   40V 150mA Low Consumption Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com