Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9950 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B9950
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950 Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY7B9950 Datasheet HTML 1Page - Cypress Semiconductor CY7B9950 Datasheet HTML 2Page - Cypress Semiconductor CY7B9950 Datasheet HTML 3Page - Cypress Semiconductor CY7B9950 Datasheet HTML 4Page - Cypress Semiconductor CY7B9950 Datasheet HTML 5Page - Cypress Semiconductor CY7B9950 Datasheet HTML 6Page - Cypress Semiconductor CY7B9950 Datasheet HTML 7Page - Cypress Semiconductor CY7B9950 Datasheet HTML 8Page - Cypress Semiconductor CY7B9950 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RoboClock
CY7B9950
Document #: 38-07338 Rev. *B
Page 9 of 9
Document History Page
Document Title: RoboClockCY7B9950 2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Document Number: 38-07338
Rev.
ECN No.
Issue Date
Orig. of
Change
Description of Change
**
121663
11/25/02
RGL
New Data Sheet
*A
122548
12/12/02
RGL
Removed the PD#/DIV and DS[1:0] pins in VIHH,VIMM and VILL for both
2.5V and 3.3V DC Electrical Specs tables
*B
124646
03/05/03
RGL
Corrected the description of Pin 27(TEST) in the Pin Description table
Corrected the description of Pin 12 (VDDQ) in the Pin Description table
Corrected the Min and Max values of VDD from 2.25/2.75 to 2.375/2.625
Volts in the Absolute Maximum Conditions table


Similar Part No. - CY7B9950

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9950 CYPRESS-CY7B9950 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AC CYPRESS-CY7B9950AC Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AC CYPRESS-CY7B9950AC Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950ACT CYPRESS-CY7B9950ACT Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950ACT CYPRESS-CY7B9950ACT Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B9950

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com