Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9950AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7B9950AI
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950AI Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7B9950AI Datasheet HTML 1Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 2Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 3Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 4Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 5Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 6Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 7Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 8Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RoboClock
CY7B9950
Document #: 38-07338 Rev. *B
Page 7 of 9
AC Timing Definitions
t
REF
t
0DCV
t
0DCV
t
PD
t
CCJ1-12
t
SKEWPR
t
SKEW0,1
t
SKEWPR
t
SKEW0,1
t
SKEW1
t
SKEW1
t
SKEW3
t
SKEW3
t
SKEW3
t
SKEW1,3,4
t
SKEW1,3,4
t
PWH
t
PWL
REF
FB
Q
OTHER Q
INVERTED Q
REF DIVIDED BY 2
REF DIVIDED BY 4
Ordering Information
Part Number
Package Type
Product Flow
CY7B9950AC
32 TQFP
Commercial, 0
° to 70°C
CY7B9950ACT
32 TQFP – Tape and Reel
Commercial, 0
° to 70°C
CY7B9950AI
32 TQFP
Industrial,–40
° to 85°C
CY7B9950AIT
32 TQFP – Tape and Reel
Industrial,–40
° to 85°C


Similar Part No. - CY7B9950AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9950AI CYPRESS-CY7B9950AI Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AI CYPRESS-CY7B9950AI Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AIT CYPRESS-CY7B9950AIT Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AIT CYPRESS-CY7B9950AIT Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B9950AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com