Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723652 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT723652
Description  CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723652 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT723652 Datasheet HTML 1Page - Integrated Device Technology IDT723652 Datasheet HTML 2Page - Integrated Device Technology IDT723652 Datasheet HTML 3Page - Integrated Device Technology IDT723652 Datasheet HTML 4Page - Integrated Device Technology IDT723652 Datasheet HTML 5Page - Integrated Device Technology IDT723652 Datasheet HTML 6Page - Integrated Device Technology IDT723652 Datasheet HTML 7Page - Integrated Device Technology IDT723652 Datasheet HTML 8Page - Integrated Device Technology IDT723652 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
2003 Integrated Device Technology, Inc.
All rights reserved. Product specifications subject to change without notice.
DSC-5609/4
NOVEMBER 2003
CMOS SyncBiFIFOTM
2,048 x 36 x 2
4,096 x 36 x 2
8,192 x 36 x 2
IDT723652
IDT723662
IDT723672
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncBiFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
FEATURES
••••• Memory storage capacity:
IDT723652
2,048 x 36 x 2
IDT723662
4,096 x 36 x 2
IDT723672
8,192 x 36 x 2
••••• Supports clock frequencies up to 83MHz
••••• Fast access times of 8ns
••••• Free-running CLKA and CLKB may be asynchronous or coincident
(simultaneous reading and writing of data on a single clock edge
is permitted)
••••• Two independent clocked FIFOs buffering data in opposite direc-
tions
••••• Mailbox bypass register for each FIFO
••••• Programmable Almost-Full and Almost-Empty flags
••••• Microprocessor Interface Control Logic
••••• FFA/IRA, EFA/ORA, AEA, and AFA flags synchronized by CLKA
••••• FFB/IRB, EFB/ORB, AEB, and AFB flags synchronized by CLKB
••••• Select IDT Standard timing (using EFA, EFB, FFA and FFB flags
functions) or First Word Fall Through timing (using ORA, ORB, IRA
and IRB flag functions)
••••• Available in 132-pin Plastic Quad Flatpack (PQFP) or space-saving
120-pin Thin Quad Flatpack (TQFP)
••••• Pin compatible to the lower density parts, IDT723622/723632/723642
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION
The IDT723652/723662/723672 is a monolithic, high-speed, low-power,
CMOS Bidirectional SyncFIFO (clocked) memories which support clock
frequencies up to 83MHz and have read access times as fast as 8ns. Two
independent 2,048/4,096/8,192 x 36 dual-port SRAM FIFOs on board each
chipbufferdatainoppositedirections. Communicationbetweeneachportmay
bypass the FIFOs via two 36-bit mailbox registers. Each mailbox register has
a flag to signal when new mail has been stored.
FUNCTIONAL BLOCK DIAGRAM
Mail 1
Register
Programmable Flag
Offset Registers
RAM
ARRAY
2,048 x 36
4,096 x 36
8,192 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
Write
Pointer
Read
Pointer
Status Flag
Logic
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
FIFO1,
Mail1
Reset
Logic
RST1
Mail 2
Register
MBF2
CLKB
CSB
W/RB
ENB
MBB
Port-B
Control
Logic
FIFO2,
Mail2
Reset
Logic
RST2
MBF1
FIFO 1
FIFO 2
13
EFB/ORB
AEB
36
36
FFB/IRB
AFB
B0 - B35
FFA/IRA
AFA
FS0
FS1
A0 - A35
EFA/ORA
AEA
5609 drw 01
36
36
Timing
Mode
FWFT
RAM
ARRAY
2,048 x 36
4,096 x 36
8,192 x 36


Similar Part No. - IDT723652

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT723652 IDT-IDT723652_09 Datasheet
232Kb / 29P
   CMOS SyncBiFIFOTM
More results

Similar Description - IDT723652

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT723654 IDT-IDT723654 Datasheet
406Kb / 37P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com