Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMDM-16C5PS1M-A30 Datasheet(PDF) 4 Page - ITT Industries

Part # RMDM-16C5PS1M-A30
Description  Micro-D Metal Shell - .050 Contact Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDM-16C5PS1M-A30 Datasheet(HTML) 4 Page - ITT Industries

  RMDM-16C5PS1M-A30 Datasheet HTML 1Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 2Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 3Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 4Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 5Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 6Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 7Page - ITT Industries RMDM-16C5PS1M-A30 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micro-D Metal Shell - .050" Contact Spacing
MDM
COTS or Non Mil-Spec or Commercial or Industrial Shell Dimensions (Conforms to MIL-DTL-83513)
10
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Plug
Receptacle
Receptacle (MDM-100 only)
Solder Pot
Solder Pot
Pigtail termination
.110 (2.79)
MAX.
.110 (2.79)
MAX.
.200 (5.08)
MAX.
.200 (5.08)
MAX.
D
D
D
F
F
F
TWO MTG. HOLES
.091 ±.003(2.31 ±0.08)
TWO MTG. HOLES
.091 ±.003(2.31 ±0.08)
TWO MTG. HOLES
.120 ±.003(3.05 ±0.08)
.284 (7.21)
MAX.
.296 (7.52)
MAX.
.416 (10.57)
MAX.
.429 (10.09)
MAX.
.429 (10.90)
MAX.
.198 (5.03)
MAX.
.296 (7.52)
MAX.
.394 (10.01)
MAX.
C
C
C
B
B
B
.186 (4.72)
MAX.
.093
(2.36)
REF.
.093
(2.36)
REF.
.093 (2.36)
REF.
.198 (5.03)
MAX.
A
A
A
E
E
E
G
G
G
Part Number
By Shell Size
MDM-9P*
MDM-9S*
MDM-15P*
MDM-15S*
MDM-21P*
MDM-21P*
MDM-25P*
MDM-25S*
MDM-31P*
MDM-31S*
MDM-37P*
MDM-37S*
MDM-51P*
MDM-51S*
MDM-100P*
MDM-100S*
.785 (19.94)
.785 (19.94)
.935 (23.75)
.935 (23.75)
1.085 (27.56)
1.085 (27.56)
1.185 (30.10)
1.185 (30.10)
1.335 (33.91)
1.335 (33.91)
1.485 (37.72)
1.485 (37.72)
1.435 (36.45)
1.435 (36.45)
2.170 (55.12)
2.170 (55.12)
.334 (8.48)
.402 (10.21)
.484 (12.29)
.552 (13.97)
.634 (16.10)
.702 (17.83)
.734 (18.64)
.802 (20.37)
.884 (22.45)
.952 (24.18)
1.034 (26.26)
1.102 (27.99)
.984 (24.99)
1.052 (26.72)
1.384 (35.15)
1.508 (38.10)
*Add lead type and length; see How To Order.
***Weight given is 1/2", uninsulated, solid, #25 AWG gold plated copper pigtails.
.400 (10.16)
.400 (10.16)
.550 (13.97)
.550 (13.97)
.700 (17.78)
.700 (17.78)
.800 (20.32)
.800 (20.32)
.950 (24.13)
.950 (24.13)
1.100 (27.94)
1.100 (27.94)
1.050 (26.67)
1.050 (26.67)
1.442 (36.63)
1.442 (36.63)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.310 (7.87)
.310 (7.87)
.360 (9.14)
.360 (9.14)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.351 (8.92)
.351 (8.92)
.394 (10.01)
.394 (10.01)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (28.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
1.800 (45.72)
1.800 (45.72)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.228 (5.79)
.296 (7.52)
.271 (6.88)
.394 (10.01)
.063 (1.79)
.063 (1.79)
.084 (2.39)
.083 (2.37)
.105 (2.99)
.104 (2.97)
.119 (3.39)
.118 (3.36)
.140 (3.99)
.139 (3.96)
.161 (4.59)
.160 (4.56)
.193 (5.50)
.188 (5.35)
.500 (14.3)
1.040 (29.5)
A
Max.
B
Max.
C
Max.
D
Max.
E
Max.
F
+_.005
(0.13)
G
Max.
Average Weights**
oz. (gm.) ±5%
Panel Mounting Dimensions (Sizes 9 - 100)
.200 ±.005
(5.08 ±0.13)
Plug and Receptacle
Rear Mounted
Plug and Receptacle
Front Mounted
Plug Front Mounted
Receptacle Rear Mounted
.395 ±.005
(10.03 ±0.13)
.300 ±.005
(7.62 ±0.13)


Similar Part No. - RMDM-16C5PS1M-A30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDM-16C5PS1M-A30

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com