Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBP12-110B10-N-F-S Datasheet(PDF) 3 Page - ITT Industries

Part # RBP12-110B10-N-F-S
Description  1-6 Pole Miniature Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RBP12-110B10-N-F-S Datasheet(HTML) 3 Page - ITT Industries

  RBP12-110B10-N-F-S Datasheet HTML 1Page - ITT Industries RBP12-110B10-N-F-S Datasheet HTML 2Page - ITT Industries RBP12-110B10-N-F-S Datasheet HTML 3Page - ITT Industries RBP12-110B10-N-F-S Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RBP12 Series
1-6 Pole Miniature Rotary Switches
SWITCHING MODE
ACTUATOR
L
OPTION
P
LATERAL PCB ADAPTATION
(NONE)
S
PLASTIC SHAFT, 6 mm (.236)
AD
PLASTIC SHAFT, <20 mm (.787)
F
SCREWDRIVER SLOT
M
THUMBWHEEL
N
NON-SHORTING, BBM (break-before-make)
C
SHORTING, MBB (make-before-break)


Similar Part No. - RBP12-110B10-N-F-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RBP-130 MINI-RBP-130 Datasheet
324Kb / 1P
   Bandpass Filter
RBP-130++ MINI-RBP-130+ Datasheet
324Kb / 1P
   Bandpass Filter
RBP-135 MINI-RBP-135 Datasheet
331Kb / 1P
   Bandpass Filter
RBP-135++ MINI-RBP-135+ Datasheet
331Kb / 1P
   Bandpass Filter
RBP-140 MINI-RBP-140 Datasheet
579Kb / 3P
   Bandpass Filter
More results

Similar Description - RBP12-110B10-N-F-S

ManufacturerPart #DatasheetDescription
logo
C&K Components
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
   1-4 Pole Rotary Switches
A CK-COMPONENTS-A Datasheet
581Kb / 5P
   1-4 Pole Rotary Switches
2021
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
C&K Components
RTBH CK-COMPONENTS-RTBH Datasheet
320Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
Copal Electronics
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
   Miniature Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com