Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1367 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1367
Description  Stand-Alone, 4.5-/3.5-Digit Panel Meters with 4-20mA Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1367 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1367 Datasheet HTML 4Page - Maxim Integrated Products MAX1367 Datasheet HTML 5Page - Maxim Integrated Products MAX1367 Datasheet HTML 6Page - Maxim Integrated Products MAX1367 Datasheet HTML 7Page - Maxim Integrated Products MAX1367 Datasheet HTML 8Page - Maxim Integrated Products MAX1367 Datasheet HTML 9Page - Maxim Integrated Products MAX1367 Datasheet HTML 10Page - Maxim Integrated Products MAX1367 Datasheet HTML 11Page - Maxim Integrated Products MAX1367 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Stand-Alone, 4.5-/3.5-Digit Panel Meters
with 4–20mA Output
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, VDAC_VDD = +5.0V, GND = 0, LEDG = 0, VLEDV = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external refer-
ence), VEXT = 7V, CREF+ = CREF- = 0.1µF, CNEGV = 0.1µF. Internal clock mode, unless otherwise noted. TA = +25°C, unless other-
wise noted.)
-0.30
-0.20
-0.25
-0.10
-0.15
-0.05
0
-40
10
-15
35
60
85
DAC GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
4–20OUT
= 21.7mA
CONV_IN
= 1V
10mA/div
500mV/div
STEP RESPONSE
MAX1365/67 toc20
100
µs/div
-50
-20
-30
-40
0
-10
40
30
20
10
50
-40
-20
0
20
40
60
80
4–20OUT ZERO-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
EXTERNAL REFERENCE = 2.048V
-50
-20
-30
-40
0
-10
40
30
20
10
50
-40
-20
0
20
40
60
80
4–20OUT GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
EXTERNAL REFERENCE = 2.048V
4–20mA MODE
0 TO 16mA MODE
-0.5
0
0.5
1.0
1.5
2.0
2.5
-20,000
-10,000
0
10,000
20,000
4–20OUT vs. DAC CODE
(4–20OUT SPAN LINEARITY)
DAC CODE (COUNTS)
OFFSET ENABLED
(EN_I = HIGH)
-150
-100
-50
0
50
100
150
48
610
12
14161820
POWER-SUPPLY REJECTION
vs. CURRENT OUTPUT (4-20OUT)
4-20OUT OUTPUT CURRENT (mA)


Similar Part No. - MAX1367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136 Datasheet
172Kb / 4P
   Low Power, 3?밆igit A/D Converter With Display Hold
MAX136 MAXIM-MAX136 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361EUB MAXIM-MAX1361EUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
More results

Similar Description - MAX1367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
Murata Power Solutions ...
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
   4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
DMS-40PC-4 MURATA-PS-DMS-40PC-4 Datasheet
278Kb / 6P
   4쩍 Digit, 4-20mA Input, LED Display Meters
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
logo
NXP Semiconductors
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
   Stand-alone OSD
1995 Mar 30
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
   Stand-alone Board
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
   Stand Alone Inclinometer
logo
NXP Semiconductors
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
   Stand-alone OSD
1995 Jan 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com