Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT114 Datasheet(PDF) 4 Page - Quantum Research Group

Part # QT114
Description  CHARGE-TRANSFER QLEVEL SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT114 Datasheet(HTML) 4 Page - Quantum Research Group

  QT114 Datasheet HTML 1Page - Quantum Research Group QT114 Datasheet HTML 2Page - Quantum Research Group QT114 Datasheet HTML 3Page - Quantum Research Group QT114 Datasheet HTML 4Page - Quantum Research Group QT114 Datasheet HTML 5Page - Quantum Research Group QT114 Datasheet HTML 6Page - Quantum Research Group QT114 Datasheet HTML 7Page - Quantum Research Group QT114 Datasheet HTML 8Page - Quantum Research Group QT114 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Spiral wire probes have the disadvantage of not being as
rugged as a solid disc probe.
2.2.3 SIDE-ENTRY PROBES
Another type is a side-entry probe (Figure 2-8), which
requires an entry point into the vessel wall, but may have the
advantage of accessibility in certain cases. These can be
made of simple metal rod, insulated in almost any plastic if
required.
2.2.4 COAXIAL PROBES
Another type of internal probe is the coaxial probe (Figure
2-10); these are most useful with oils or similar fluids having
a low dielectric constant; the inner rod is connected to the
signal connection, and together with the outer grounded
cylinder forms a capacitor whose dielectric is either air or oil.
Keeping the gap between rod and cylinder to a minimum
increases the 'gain' of the electrode.
Coaxial probes are more expensive to make, and can have
problems with vibration if they are not constructed robustly.
The outer cylinder should be perforated at key spots to allow
fluid to fill and drain the cavity without trapping air bubbles
inside. The outer cylinder can also be made of a wire mesh.
The outer cylinder does not have to be coated in plastic,
even when used with water-based fluids. When used with
oils, the inner rod does not require insulation either.
2.2.5 BARE METAL PROBES
Bare metal internal probes can be used, for example with
nonconductive fluids like oils, without difficulty. This applies
to all probe types described above.
Bare probes can also be used with aqueous fluids, but in
these cases a 1,000pF (1nF) ceramic NPO capacitor should
be inserted between the probe and the QT114 to block DC
current flows.
A bare internal probe used with conductive fluids and an
in-line blocking capacitor will generate a huge, robust
capacitive response that will not readily permit the use of a
2-level probe due to signal saturation. Even the slightest
amount of bare metal exposed to the fluid will usually
generate an immediate, large response with aqueous fluids.
- 4 -
Figure 2-7 Twin-Level Internal Spiral Wire Probe
T
2
Figure 2-6 Twin-Level Internal Planar Probe
T
2
Figure 2-5 Single Level Internal Spiral Wire Probe
Figure 2-4 Single Level Internal Planar Probe


Similar Part No. - QT114

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT114

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com