Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT114-S Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT114-S
Description  CHARGE-TRANSFER QLEVEL SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT114-S Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT114-S Datasheet HTML 4Page - Quantum Research Group QT114-S Datasheet HTML 5Page - Quantum Research Group QT114-S Datasheet HTML 6Page - Quantum Research Group QT114-S Datasheet HTML 7Page - Quantum Research Group QT114-S Datasheet HTML 8Page - Quantum Research Group QT114-S Datasheet HTML 9Page - Quantum Research Group QT114-S Datasheet HTML 10Page - Quantum Research Group QT114-S Datasheet HTML 11Page - Quantum Research Group QT114-S Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Electromechanical devices will ignore this short pulse. The
pulse also has too low a duty cycle to visibly affect LED’s. It
can be filtered completely if desired, by adding an RC
timeconstant to filter the output, or if interfacing directly and
only to a high-impedance CMOS input, by doing nothing or
at most adding a small non-critical capacitor from each used
OUT line to ground (Figure 3-4).
3.4 ESD PROTECTION
In some installations the QT114 will be protected from direct
static discharge by the insulation of the electrode and the
fact that the probe may not be accessible to human contact.
However, even with probe insulation, transients can still flow
into the electrode via induction, or in extreme cases, via
dielectric breakdown. Some moving fluids (like oils) and
powders can build up a substantial triboelectric charge
directly on the probe surface.
The QT114 does have diode protection on its terminals
which can absorb and protect the device from most induced
discharges, up to 20mA; the usefulness of the internal
clamping will depending on the probe insulation's dielectric
properties, thickness, and the rise time of the transients.
ESD dissipation can be aided further with an added diode
protection network as shown in Figure 3-5. Because the
charge and transfer times of the QT114 are relatively long,
the circuit can tolerate very large values of Re1, as much as
50k ohms in most cases without affecting gain. The added
diodes shown (1N4150, BAV99 or equivalent low-C diodes)
will shunt the ESD transients away from the part, and Re1
will current-limit the rest into the QT110's own internal clamp
diodes. C1 should be around 10µF if it is to absorb positive
transients from a human body model standpoint without
rising in value by more than 1 volt. If desired C1 can be
replaced with an appropriate zener diode. Directly placing
semiconductor transient protection devices or MOV's on the
sense lead is not advised; these devices have extremely
large amounts of parasitic C which will swamp the sensor.
Re2 functions to isolate the transient from the QT110's Vcc
pin; values of around 1K ohms are reasonable.
As with all ESD protection networks, it is important that the
transients be led away from the circuit. PCB ground layout is
crucial; the ground connections to the diodes and C1 should
all go back to the power supply ground or preferably, if
available, a chassis ground connected to earth. The currents
should not be allowed to traverse the area directly under the
QT114.
If the QT114 is connected to an external circuit via a long
cable, it is possible for ground-bounce to cause damage to
the OUT pins; even though the transients are led away from
the QT114 itself, the connected signal or power ground line
will act as an inductor, causing a high differential voltage to
build up on the OUT wires with respect to ground. If this is a
possibility, the OUT pins should have a resistance in series
with them on the sensor PCB to limit current; this resistor
should be as large as can be tolerated by the load.
3.5 SAMPLE CAPACITOR
Charge sampler Cs should be a stable grade of capacitor,
like PPS film, NPO ceramic, or polycarbonate. The
acceptable Cs range is anywhere from 10nF to 100nF
(0.1uF) and its required value will depend on load Cx. In
some cases, to achieve the 'right' value, two or more
capacitors may need to be wired in parallel.
- 8 -
Figure 3-5 ESD Protection Network
To Electrodes
Gnd
OUT1
OUT2
FILT
Vcc
SNS2
SNS1
POL
1
2
3
45
6
7
8
Re1
Re2
C 10 F
1
CS
Figure 3-3
Using a micro to obtain HB pulses in either output state
Figure 3-2
Getting HeartBeat pulses with a pull-down resistor
3
45
6
7
2
OUT1
OUT2
FILT
SNS1
POL
SNS2
Ro
Ro
HeartBeat™ Pulses
Microprocessor
PORT_M.1
PORT_M.2
3
45
6
7
2
OUT1
OUT2
FILT
SNS1
POL
SNS2
R1
R2
PORT_M.3
PORT_M.4
Figure 3-4 Eliminating HB Pulses
3
45
6
7
2
OUT1
OUT2
FILT
SNS1
POL
SNS2
CMOS
100pF
100pF
Co
GATE OR
MICRO INPUT
4
CMOS
Co


Similar Part No. - QT114-S

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT114-S

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
logo
Quantum Research Group
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com