Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT150-AS Datasheet(PDF) 2 Page - Quantum Research Group

Part # QT150-AS
Description  4 AND 5 KEY QTOUCH SENSOR ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT150-AS Datasheet(HTML) 2 Page - Quantum Research Group

  QT150-AS Datasheet HTML 1Page - Quantum Research Group QT150-AS Datasheet HTML 2Page - Quantum Research Group QT150-AS Datasheet HTML 3Page - Quantum Research Group QT150-AS Datasheet HTML 4Page - Quantum Research Group QT150-AS Datasheet HTML 5Page - Quantum Research Group QT150-AS Datasheet HTML 6Page - Quantum Research Group QT150-AS Datasheet HTML 7Page - Quantum Research Group QT150-AS Datasheet HTML 8Page - Quantum Research Group QT150-AS Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1 - OVERVIEW
QT140/150 devices are burst mode digital charge-transfer
(QT) sensor ICs designed specifically for touch controls; they
include all hardware and signal processing functions
necessary to provide stable sensing under a wide variety of
conditions. Only a single low cost capacitor per channel is
required for operation.
Figures 1-6 and 1-7 show basic circuits for these devices.
See Table 1-1 for device pin listings.
The DIP and SOIC pinouts are not the same and serious
damage can occur if a part is miswired.
1.1 BASIC OPERATION
The devices employ bursts of charge-transfer cycles to
acquire signals. Burst mode permits low power operation,
dramatically reduces RF emissions, lowers susceptibility to
RF fields, and yet permits excellent speed. Internally, signals
are digitally processed to reject impulse noise using a
'consensus' filter that requires three consecutive
confirmations of detection. Each channel is measured in
sequence starting with Channel 1.
The QT switches and charge measurement hardware
functions are all internal to the device. A single-slope
switched capacitor ADC includes the QT charge and transfer
switches in a configuration that provides direct ADC
conversion; an external Cs capacitor accumulates the charge
from sense-plate Cx, which is then measured.
Larger values of Cx cause the charge transferred into Cs to
rise more rapidly, reducing available resolution; as a
minimum resolution is required for proper operation, this can
result in dramatically reduced gain. Conversely, larger values
of Cs reduce the rise of differential voltage across it,
increasing available resolution by permitting longer QT
bursts. The value of Cs can thus be increased to allow larger
values of Cx to be tolerated. The IC is responsive to both Cx
and Cs, and changes in Cs can result in substantial changes
in sensor gain.
lQ
2
QT140/150 1.01/1102
/RST
OSC_I
OSC_O
OPT2
OPT1
SYNC
NC
OUT4
OUT3
OUT1
AKS
OC
NC
Vss
Vdd
Vdd
SNS1A
SNS1B
SNS2A
SNS2B
Vss
OUT2
SNS3A
SNS3B
SNS4A
SNS4B
NC
Vss
SSOP
/RST
OSC_I
OSC_O
OPT2
OPT1
SYNC
NC
OUT4
OUT3
OUT1
AKS
OC
NC
Vdd
Vss
Vss
Vss
SNS1A
SNS1B
SNS2A
Vdd
OUT2
SNS2B
SNS3A
SNS3B
SNS4A
SNS4B
NC
DIP
Reset pin (active low input)
/RST
28
Reset pin (active low input)
/RST
28
Oscillator input
OSC_I
27
Oscillator input
OSC_I
27
Oscillator output
OSC_O
26
Oscillator output
OSC_O
26
Option Mode (Input pin - see Table 2-1)
OPT2
25
Option Mode (Input pin - see Table 2-1)
OPT2
25
Option Mode (Input pin - see Table 2-1)
OPT1
24
Option Mode (Input pin - see Table 2-1)
OPT1
24
Synchronization pin (I/O pin - pull high with 10K)
SYNC
23
Synchronization pin (I/O pin - pull high with 10K)
SYNC
23
Channel 5 output, o-d or p-p (n/c on QT140)
NC/OUT5
22
Channel 5 output, o-d or p-p (n/c on QT140)
NC/OUT5
22
Channel 4 output, o-d or p-p
OUT4
21
Channel 4 output, o-d or p-p
OUT4
21
Channel 3 output, o-d or p-p
OUT3
20
Channel 3 output, o-d or p-p
OUT3
20
Channel 2 output, o-d or p-p
OUT2
19
Channel 2 output, o-d or p-p
OUT2
19
Channel 1 output, o-d or p-p
OUT1
18
Channel 1 output, o-d or p-p
OUT1
18
Adjacent Key Suppression Opt. (input ; 1=AKS)
AKS
17
Adjacent Key Suppression Opt. (input; 1=AKS)
AKS
17
Output Option (input pin; 1= open drain)
OC
16
Output Option (input pin; 1= open drain)
OC
16
Sense pin (to Cs5) n/c on QT140
NC/SNS5B
15
Sense pin (to Cs5) n/c on QT140
NC/SNS5B
15
Sense pin (to Cs5, electrode) n/c on QT140
NC/SNS5A
14
Supply negative rail (ground)
Vss
14
Sense pin (to Cs4)
SNS4B
13
Sense pin (to Cs5, electrode) n/c on QT140
NC/SNS5A
13
Sense pin (to Cs4, electrode)
SNS4A
12
Sense pin (to Cs4)
SNS4B
12
Sense pin (to Cs3)
SNS3B
11
Sense pin (to Cs4, electrode)
SNS4A
11
Sense pin (to Cs3, electrode)
SNS3A
10
Sense pin (to Cs3)
SNS3B
10
Sense pin (to Cs2)
SNS2B
9
Sense pin (to Cs3, electrode)
SNS3A
9
Sense pin (to Cs2, electrode)
SNS2A
8
Sense pin (to Cs2)
SNS2B
8
Sense pin (to Cs1)
SNS1B
7
Sense pin (to Cs2, electrode)
SNS2A
7
Sense pin (to Cs1, electrode)
SNS1A
6
Sense pin (to Cs1)
SNS1B
6
Negative power (Ground)
Vss
5
Sense pin (to Cs1, electrode)
SNS1A
5
Negative power (Ground)
Vss
4
Positive power
Vdd
4
Negative power (Ground)
Vss
3
Positive power
Vdd
3
Positive power
Vdd
2
Negative power (Ground)
Vss
2
Positive power
Vdd
1
Negative power (Ground)
Vss
1
Description
Name
Pin
Description
Name
Pin
QT140 / QT150 DIP-28
QT140 / QT150 SSOP-28
Table 1-1 Pin Listing
Fig 1-1 QT140 Pinouts
NOTE: SSOP / DIP Pinouts are not the same!


Similar Part No. - QT150-AS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
QT1553-1 PULSE-QT1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QT1553-2 PULSE-QT1553-2 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QT1553-20 PULSE-QT1553-20 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
QT1553-20 PULSE-QT1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
QT1553-21 PULSE-QT1553-21 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
More results

Similar Description - QT150-AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com