Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT300 Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT300
Description  CAPACITANCE TO DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT300 Datasheet(HTML) 3 Page - Quantum Research Group

  QT300 Datasheet HTML 1Page - Quantum Research Group QT300 Datasheet HTML 2Page - Quantum Research Group QT300 Datasheet HTML 3Page - Quantum Research Group QT300 Datasheet HTML 4Page - Quantum Research Group QT300 Datasheet HTML 5Page - Quantum Research Group QT300 Datasheet HTML 6Page - Quantum Research Group QT300 Datasheet HTML 7Page - Quantum Research Group QT300 Datasheet HTML 8Page - Quantum Research Group QT300 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
linearity decreases to under 3% (Figure 1-3). The largest
error occurs near the middle of the desired Cx span.
The linearity error can be corrected using polynomials or a
piece-wise linear correction method in a microcontroller.
2 - Timing
Figure 2-1 shows the basic QT300 acquisition timing
parameters. The basic timing parameters are:
Tbd
Burst duration
(2.1)
Tacq
Acquire response time
(2.2)
Tbs
Burst Spacing
(2.3)
2.1 Tbd - Burst duration
The burst duration depends on the values of Cs and Cx and
to a lesser extent, Vdd. The burst is composed of
charge-transfer cycles operating at about 240kHz.
The length of this burst is an important parameter as it is
directly related to the signal value. The burst duration also
affects the response time of the sensor; the
larger Cs is, the longer the burst, the slower the
possible acquisition rate.
2.2 Tacq - Acquire Response Time
The time from the /REQ or 1W line going low
until the completion of data transmission is
Tacq. Tacq depends on the acquisition burst
length as well as the serial transmission time.
SPI Mode: In SPI mode Tacq depends in part on
the serial clock speed and the space between
the returned high and low bytes. In SPI slave
mode the clock speed and the inter-byte spacing
time Tbdly is determine by the host. In SPI
Master mode these timings are set by Setup
parameters SCD and MLS.
1W mode: Tacq depends in part on the Baud
rate as well as the inter-byte spacing. The Baud
rate is auto-set by the trigger pulse width; the
inter-byte spacing is set by the MLS parameter.
See Section 4.
2.3 Tbs - Burst Spacing
Burst spacing is the time from the start of one
acquisition burst to the start of the next burst. It
depends on the host’s trigger rate on the /REQ
or 1W pin. The QT300 only acquires when requested. While
waiting for a new request the part stays in a low power mode.
3 - SPI Port
3.1 SPI Specifications
The QT300 can operate in master or slave mode, and thus is
compatible with virtually all SPI-capable microcontrollers. The
SPI interface has the following specifications:
Max clock rate, Fckm
40KHz (master mode)
Max clock rate, Fcks
40KHz (slave mode)
Data length
2 bytes (16 bits total)
Inter-byte delay
≥8µs (master mode)*
≥12µs (slave mode)
Clock idle logic level
Low or High*
Clock edge
Data out on rising or falling edge*
Data sequence
High byte first, MSB first
*Determined by Setups
The host can clock the SPI at any rate up to and including
the maximum. The maximum clock rate of the part in Master
mode is determined in Setups via cloning.
3.2 Protocol Overview
The QT300 only transmits data on request, after an
acquisition burst. The host requests an acquire by setting the
/REQ line low for at least 30
µs; the device then acquires.
When finished, the DRDY line is pulled low by the QT300 to
indicate it is ready to send data. (Figure 2-1). The transfer is
done as two bytes, with the highest byte transferred first.
In master mode, /DRDY goes high between bytes for the
period determined by Setup parameter MLS; this is a multiple
of 6
µs.
LQ
3
QT300 R1.02/0204
Figure 1-3 Linearity vs Cx, Over Cx= 100pF...110pF
0
50
100
150
200
250
300
100
101
102
103
104
105
106
107
108
109
110
Cx, pF
0%
1%
1%
2%
2%
3%
Signal Level
% Error
Figure 2-1 Signal Acquisition - Slave SPI Mode


Similar Part No. - QT300

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT300 QUANTUM-QT300 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300-D QUANTUM-QT300-D Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300-IS QUANTUM-QT300-IS Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
More results

Similar Description - QT300

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com