Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT140-A Datasheet(PDF) 9 Page - Quantum Research Group

Part # QT140-A
Description  4 AND 5 KEY QTOUCH SENSOR ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT140-A Datasheet(HTML) 9 Page - Quantum Research Group

Back Button QT140-A Datasheet HTML 5Page - Quantum Research Group QT140-A Datasheet HTML 6Page - Quantum Research Group QT140-A Datasheet HTML 7Page - Quantum Research Group QT140-A Datasheet HTML 8Page - Quantum Research Group QT140-A Datasheet HTML 9Page - Quantum Research Group QT140-A Datasheet HTML 10Page - Quantum Research Group QT140-A Datasheet HTML 11Page - Quantum Research Group QT140-A Datasheet HTML 12Page - Quantum Research Group QT140-A Datasheet HTML 13Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Unused channels should not have sense traces or
electrodes connected to them.
3.6 ESD PROTECTION
In cases where the electrode is placed behind a dielectric
panel, the IC will be protected from direct static discharge.
However even with a panel, transients can still flow into the
electrodes via induction, or in extreme cases via dielectric
breakdown. Porous materials may allow a spark to tunnel
right through the material. Testing is required to reveal any
problems. The device does have diode protection on its SNS
pins which absorb and protect the device from most induced
discharges, up to 20mA; the usefulness of the internal
clamping will depending on the dielectric properties, panel
thickness, and rise time of the ESD transients.
In extreme cases ESD dissipation can be aided further by
adding 1K series resistors in series with the electrodes as
shown in Figures 1-6 through 1-8. Because the charge time
is 1.2µs, the circuit can tolerate large values of series-R, up
to 20k ohms in cases where electrode Cx load is below
10pF. Extra diode protection at the electrodes can also be
used, but this often leads to additional RFI problems as the
diodes will rectify RF signals into DC which will disturb the
signals.
If the series-R is too large, sensitivity will drop off.
Directly placing semiconductor transient protection devices
or MOV's on the sense leads is not advised; these devices
have extremely large amounts of nonlinear parasitic C which
will swamp the capacitance of the electrode and cause
strange sensing problems.
Series-R’s should be low enough to permit at least 6 RC
time-constants to occur during the charge and transfer
phases, where R is the added series-R and C is the load Cx.
If the device is connected to an external control circuit via a
cable or long twisted pair, it is possible for ground-bounce to
cause damage to the Out pins and/or interfere with key
sensing. Noise current injection into the power supply is best
dealt with by shunting the noise aside to chassis ground with
capacitors, and further limited using resistors or ferrites.
3.7 RFI PROTECTION
PCB layout, grounding, and the structure of the input circuitry
have a great bearing on the success of a design that can
withstand strong RF interference.
The circuit is remarkably immune to RFI provided that certain
design rules are adhered to:
1. Use SMT components to minimize lead lengths.
2. Connect electrodes to SNSnA, not SNSnB pins.
3. Use a ground plane under and around the circuit and
along the sense lines, that is as unbroken as possible
except for relief under and beside the sense lines to
reduce total Cx. Relieved rear ground planes along the
SNS lines should be ‘mended’ by bridging over them at
1cm intervals with 0.5mm ‘rungs’ like a ladder.
4. Ground planes and traces should be connected only to a
common point near the Vss pins of the IC.
5. Route sense traces away from other traces or wires that
are connected to other circuits.
6. Sense electrodes should be kept away from other
circuits and grounds which are not directly connected to
the sensor’s own circuit ground; other grounds will
appear to float at high frequencies and couple RF
currents into the sense lines.
7. Keep the Cs sampling capacitors and all series-R
components close to the IC.
8. Use a 0.1µF minimum ceramic bypass cap very close to
the Vss / Vdd supply pins.
9. Use series-R’s in the sense lines, of as large a value as
the circuit can tolerate without degrading sensitivity
appreciably.
10.Bypass input power to chassis ground and again at
circuit ground to reduce line-injected noise effects.
Ferrites over the power wiring may be required to
attenuate line injected noise.
Achieving RF immunity requires diligence and a good
working knowledge of grounding, shielding, and layout
techniques. Very few projects involving these devices will fail
EMC tests once properly constructed.
lQ
9
QT140/150 1.01/1102


Similar Part No. - QT140-A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1+10G QUANTUM-QT1+10G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+IG QUANTUM-QT1+IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+T+G QUANTUM-QT1+T+G Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
More results

Similar Description - QT140-A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com