Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1100A Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT1100A
Description  10 KEY QTOUCH SENSOR IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1100A Datasheet(HTML) 3 Page - Quantum Research Group

  QT1100A Datasheet HTML 1Page - Quantum Research Group QT1100A Datasheet HTML 2Page - Quantum Research Group QT1100A Datasheet HTML 3Page - Quantum Research Group QT1100A Datasheet HTML 4Page - Quantum Research Group QT1100A Datasheet HTML 5Page - Quantum Research Group QT1100A Datasheet HTML 6Page - Quantum Research Group QT1100A Datasheet HTML 7Page - Quantum Research Group QT1100A Datasheet HTML 8Page - Quantum Research Group QT1100A Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
1 Overview
The QT1100A is a 10 touch-key sensor IC based on
Quantum’s patented charge-transfer principles for robust
operation and ease of design. This device has many
advanced features which provide for reliable, trouble-free
operation over the life of the product. It can operate in either
a standalone mode or under host control via a serial
interface. Output options include UART and SPI serial types
and parallel scanport. In any interface mode, a low-cost
optional EEPROM can be used to determine the device
configuration using a stored Setup block.
FMEA self-testing: This part has been designed specifically
for demanding appliance applications requiring FMEA
certification. The part has many advanced features that
check for and report failures, to allow the designer to create
a safer product. It also features two robust serial interfaces
with sophisticated CRC error checking to permit validation of
commands and responses in real time.
Burst mode: The device operates in ‘burst mode’. Each key
is acquired using a burst of charge-transfer sensing pulses
whose count can vary tremendously depending on the value
of the reference capacitor Cs and the load capacitance Cx.
The keys (also called ‘channels’) are acquired time
sequentially within fixed timeslots whose width can be
controlled by user-defined Setups.
Self-calibration: On power-up, all keys are self-calibrated
within a few hundred milliseconds to provide reliable
operation under almost any set of conditions.
Auto-recalibration: The device can time out and recalibrate
each key independently after a fixed interval of continuous
detection, so that the keys can never become ‘stuck on’ due
to foreign objects or sudden influences. After recalibration
the key will continue to function normally.
Drift compensation operates to correct the reference level
of each key slowly but automatically over time, to suppress
false detections caused by changes such as temperature,
humidity, dirt and other environmental effects.
Spread Spectrum operation: The bursts operate over a
spread of frequencies, so that external fields will have
minimal effect on key operation and emissions are very
weak. Spread-spectrum operation works with the ‘detect
integrator’ (DI) mechanism to dramatically reduce the
probability of false detection due to noise.
Detection confirmation occurs by means of a ‘detect
integrator’ mechanism that requires multiple confirmations of
detection over a number of key bursts. The bursts operate at
alternating frequencies, so that external fields will have a
minimal effect on key operation. This spread-spectrum
mode of operation also reduces RF noise emissions.
The device also features the ability to acquire and lock onto
touch signals very rapidly, greatly improving response time
through the use of the ‘fast detect integration’ or ‘Fast-DI’
feature.
Sync Mode: The QT1100A features a Sync mode to allow
the device to slave to an external signal source, such as a
mains signal (50/60Hz), to limit interference effects. This is
performed using a special Sync pin.
Low Power Sleep Mode: The device features a low power
Sleep mode for microamp levels of current drain when not in
use. The part can be put into sleep for a certain percentage
of the time, so that it can still respond to touch but with lower
levels of current drain.
AKS™ Adjacent Key Suppression works to prevent
multiple keys responding to a single touch, a common
complaint of capacitive touch panels. This system operates
by comparing signal strengths from keys within a defined
group to suppress touch detections from those with a weaker
signal change than the dominant key. The QT1100A allows
any AKS grouping of two or more keys, under user control.
Unique to this device is the ability for the designer to treat
each key as an individual sensor for configuration purposes.
Each key can be programmed separately for sensitivity, drift
compensation, recalibration timeouts, adjacent key
suppression, and the like.
The device is designed to support FMEA-qualified
applications using a variety of checks and redundancies.
Among other checks the component uses CRC codes in all
critical communication transfers, and can also output error
condition codes via redundant signaling paths.
LQ
3
Copyright © 2003-2005 QRG Ltd
QT1100A-ISG R3.02/1105


Similar Part No. - QT1100A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1100A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com