Electronic Components Datasheet Search |
|
RBP12-602B02-N-AD-S Datasheet(PDF) 1 Page - ITT Industries |
|
RBP12-602B02-N-AD-S Datasheet(HTML) 1 Page - ITT Industries |
1 / 4 page L–18 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com L C&K RBP12 Series 1-6 Pole Miniature Rotary Switches L Features/Benefits • Rotary switch for low current • Shaft perpendicular to PCB • Index mechanism included in thickness of switch • Several actuation modes • Low profile Typical Applications • Medical • Instrumentation • Appliances NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For informationon specific and custom switches, consult Customer Service Center. Mechanical Data Max. number of banks 1 Operating torque 2.5 Ncm ± 25% (1 pole) Stop strength > 40 Ncm End stop With/without or mobile Contact material Silver, Gold Insulating material Thermoplastic Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages L-19 thru L-21. For additional options not shown in catalog, consult Customer Service Center. Designation RBP12 Switch Function 112S SP, 30° Index, 12 pos. no stop 103B03 SP, 30° Index, 3 pos. 105B05 SP, 30° Index, 5 pos. 107B07 SP, 30° Index, 7 pos. 108B08 SP, 30° Index, 8 pos. 110B10 SP, 30° Index, 10 pos. 112B12 SP, 30° Index, 12 pos. 206S DP, 30° Index, 6 pos. no stop 202B02 DP, 30° Index, 2 pos. 203B03 DP, 30° Index, 3 pos. 205B05 DP, 30° Index, 5 pos. 304B04 3P, 30° Index, 4 pos. 403B03 4P, 30° Index, 3 pos. 602B02 6P, 30° Index, 2 pos. Contact Material S Silver G Gold Actuator F Screwdriver slot* AD Plastic shaft, <20mm (.787)* S Plastic shaft, 6mm (.236)* M Thumbwheel Switching Mode N Non-shorting BBM (break-before-make) C Shorting, MBB (make-before-break) Option (NONE) P Lateral PCB adaptation *Option: Metallic shaft available by request Electrical Data Silver (S) Gold (G) Switching mode MBB-BBM MBB-BBM Make Before Break, Break Before Make Max. switching power 5 VA (resistive) 0.5 VA (resistive) Max. switching current 130 mA 20 mA Max. carrying current 3 A 3 A Contact resistance < 15 m ohms < 25 m ohms Dielectric strength between contacts 1000 V 1000 V at 50 Hz or contacts and ground 1000 V 1000 V Nominal voltage 150 V rms 150 V rms Number of operations 15 ,000 20 ,000 Insulation resistance between contacts > 5 x 109 ohms > 5 x 109 ohms and contacts and frame (500 Vcc) Environmental data Storage temperature – 25°C to + 70°C – 25°C to + 85°C Salt spray NA 48 H Further data Solderability Hand: Wave: 350°C/5 s 260°C/5 s max. Cleaning Cleaning of modules prohibited |
Similar Part No. - RBP12-602B02-N-AD-S |
|
Similar Description - RBP12-602B02-N-AD-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |