Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT60168 Datasheet(PDF) 4 Page - Quantum Research Group

Part # QT60168
Description  16, 24 KEY QMATRIX ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT60168 Datasheet(HTML) 4 Page - Quantum Research Group

  QT60168 Datasheet HTML 1Page - Quantum Research Group QT60168 Datasheet HTML 2Page - Quantum Research Group QT60168 Datasheet HTML 3Page - Quantum Research Group QT60168 Datasheet HTML 4Page - Quantum Research Group QT60168 Datasheet HTML 5Page - Quantum Research Group QT60168 Datasheet HTML 6Page - Quantum Research Group QT60168 Datasheet HTML 7Page - Quantum Research Group QT60168 Datasheet HTML 8Page - Quantum Research Group QT60168 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
For example:
NKE = Number of keys enabled = 20
FDIL = Fast detect integrator limit = 5
BS = Burst spacing = 0.5ms
FMEA = FMEA test time = 5ms
NDIL = Norm detect integrator Limit = 2
HPR = Host polling rate = 10ms
The worst case response time is computed as:
Tr = ((((NKE + FDIL) * BS) + FMEA) * NDIL) + HPR
For the above example values:
Tr = ((((20 + 5) * 0.5ms) + 5ms) * 2) + 10ms = 45ms
2.4 Oscillator
The oscillator is internal to the device. There is no facility for
external clocking.
2.5 Sample Capacitors; Saturation
The charge sampler capacitors on the Y pins should be the
values shown. They should be X7R or NP0 ceramics or PPS
film. The value of these capacitors is not critical but 4.7nF is
recommended for most cases.
Cs voltage saturation is shown in Figure 2-1. This nonlinearity
is caused by excessively negative voltage on Cs inducing
conduction in the pin protection diodes. This badly saturated
signal destroys key gain and introduces a strong thermal
coefficient which can cause 'phantom' detection. The cause of
this is usually from the burst length being too long, the Cs value
being too small, or the X-Y coupling being too large. Solutions
include loosening up the interdigitation of key structures,
separating X and Y lines on the PCB more, increasing Cs, and
decreasing the burst length.
Increasing Cs will make the part slower; decreasing burst
length will make it less sensitive. A better PCB layout and a
looser key structure (up to a point) have no negative effects.
Cs voltages should be observed on an oscilloscope with the
matrix layer bonded to the panel material; if the Rs side of any
Cs ramps more negative than -0.25 volts during any burst (not
counting overshoot spikes which are probe artifacts), there is a
potential saturation problem.
Figure 2-2 shows a defective waveform similar to that of 2-1,
but in this case the distortion is caused by excessive stray
capacitance coupling from the Y line to AC ground, for example
from running too near and too far alongside a ground trace,
ground plane, or other traces. The excess coupling causes the
charge-transfer effect to dissipate a significant portion of the
received charge from a key into the stray capacitance. This
phenomenon is more subtle; it can be best detected by
increasing BL to a high count and watching what the waveform
does as it descends towards and below -0.25V. The waveform
will appear deceptively straight, but it will slowly start to flatten
even before the -0.25V level is reached.
A correct waveform is shown in Figure 2-3. Note that the
bottom edge of the bottom trace is substantially straight
(ignoring the downward spikes).
Unlike other QT circuits, the Cs capacitor values on QT60xx8
devices have no effect on conversion gain. However they do
affect conversion time.
Unused Y lines should be left open.
2.6 Sample Resistors
There are 3 sample resistors (Rs) used to perform single-slope
ADC conversion of the acquired charge on each Cs capacitor.
These resistors directly control acquisition gain: larger values of
Rs will proportionately increase signal gain. Values of Rs can
range from 380K ohms to 1M ohms. 470K ohms is a
reasonable value for most purposes.
Unused Y lines do not require an Rs resistor.
2.7 Signal Levels
Quantum’s QmBtn™ software makes it is easy to observe the
absolute level of signal received by the sensor on each key.
The signal values should normally be in the range from 250 to
750 counts with properly designed key shapes and values of
Rs. However, long adjacent runs of X and Y lines can also
artificially boost the signal values, and induce signal saturation:
this is to be avoided. The X-to-Y coupling should come mostly
from intra-key electrode coupling, not from stray X-to-Y trace
coupling.
QmBtn software is available free of charge on Quantum’s
website.
The signal swing from the smallest finger touch should
preferably exceed 10 counts, with 15 being a reasonable target.
The signal threshold setting (NTHR) should be set to a value
guaranteed to be less than the signal swing caused by the
smallest touch.
lQ
4
QT60248-AS R4.02/0405
Figure 2-1 VCs - Non-Linear During Burst
(Burst too long, or Cs too small, or X-Y capacitance too large)
Figure 2-2 VCs - Poor Gain, Non-Linear During Burst
(Excess capacitance from Y line to Gnd)
Figure 2-3 Vcs - Correct


Similar Part No. - QT60168

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
QT60168-ASG ATMEL-QT60168-ASG Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
More results

Similar Description - QT60168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
609Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60486 QUANTUM-QT60486 Datasheet
880Kb / 32P
   32 & 48 KEY QMATRIX ICs
QT60645B QUANTUM-QT60645B Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60645 QUANTUM-QT60645 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60161B QUANTUM-QT60161B Datasheet
674Kb / 36P
   16 KEY QMATRIX KEYPANEL SENSOR IC
QT60161 QUANTUM-QT60161 Datasheet
591Kb / 36P
   16 KEY QMatrix KEYPANEL SENSORS IC
logo
ATMEL Corporation
AT42QT2160 ATMEL-AT42QT2160_14 Datasheet
573Kb / 51P
   16-key QMatrix Touch Sensor IC
AT42QT2160 ATMEL-AT42QT2160 Datasheet
1Mb / 49P
   QSlide?? 16-key QMatrix??Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com