Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT60645B-AS Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT60645B-AS
Description  32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT60645B-AS Datasheet(HTML) 3 Page - Quantum Research Group

  QT60645B-AS Datasheet HTML 1Page - Quantum Research Group QT60645B-AS Datasheet HTML 2Page - Quantum Research Group QT60645B-AS Datasheet HTML 3Page - Quantum Research Group QT60645B-AS Datasheet HTML 4Page - Quantum Research Group QT60645B-AS Datasheet HTML 5Page - Quantum Research Group QT60645B-AS Datasheet HTML 6Page - Quantum Research Group QT60645B-AS Datasheet HTML 7Page - Quantum Research Group QT60645B-AS Datasheet HTML 8Page - Quantum Research Group QT60645B-AS Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Table 1.1 Device Pin List
Slave select for SPI direction control; active low
IO OD
SS
44
Y gate control to drive Y dwell timing circuit
O
YG
43
X7 Drive matrix scan
O
X7
42
Data ready output for Slave SPI mode; active low
O OD
DRDY
41
Active low LED status drive / Activity indicator
O
LED
40
Ground
Pwr
Vss
39
+5 supply
Pwr
Vdd
38
SPI Mode / Sync out. Connect via 10k resistor to Vcc or Gnd for mode. Scope sync yields Pulse.
I/O OD
MS
37
Analog input from amplifier
I
Ain
36
Charge integrator reset line. Active high or active low (select polarity via Setups)
O
CSR
35
Charge cancellation drive for CZ1 capacitor
O
CZ1
34
Charge cancellation drive for CZ2 capacitor
O
CZ2
33
Transfer switch control bit 0
O
YS0
32
Transfer switch control bit 1
O
YS1
31
Transfer switch control bit 2
O
YS2
30
Analog reference, connect to Vcc
Pwr
Aref
29
Analog ground
Pwr
AGnd
28
+5 supply for analog sections
Pwr
AVdd
27
Y 7 Line clamp control
O
YC7
26
Y 6 Line clamp control
O
YC6
25
Y 5 Line clamp control
O
YC5
24
Y 4 Line clamp control
O
YC4
23
Y 3 Line clamp control
O
YC3
22
Y 2 Line clamp control
O
YC2
21
Y 1 Line clamp control
O
YC1
20
Y 0 Line clamp control
O
YC0
19
Ground
Pwr
Vss
18
+5 supply
Pwr
Vdd
17
X summation / R2R DAC Ladder drive
O
XS
16
X6 Drive matrix scan / R2R DAC Ladder drive
O
X6
15
X5 Drive matrix scan / R2R DAC Ladder drive
O
X5
14
X4 Drive matrix scan / R2R DAC Ladder drive
O
X4
13
X3 Drive matrix scan / R2R DAC Ladder drive
O
X3
12
X2 Drive matrix scan / R2R DAC Ladder drive / Wake from Sleep / Sync to noise source
O
X2WS
11
X1 Drive matrix scan / R2R DAC Ladder drive
O
X1
10
X0 Drive matrix scan / R2R DAC Ladder drive
O
X0
9
Oscillator drive input. Connect to resonator or crystal, or external clock source.
I
XTI
8
Oscillator drive output. Connect to resonator or crystal.
O
XTO
7
Ground
Pwr
Vss
6
+5 supply
Pwr
Vdd
5
Reset input, active low reset
I
RST
4
SPI Clock. In Master mode is an output; in Slave mode is an input
I/O PP
SCK
3
Master-In / Slave Out SPI line. Not used in Master/Slave SPI mode.
In Slave mode outputs data to host (out only).
I/O PP
MISO
2
Master-Out / Slave In SPI line. In Master/Slave SPI mode is used for both communication directions.
In Slave SPI mode is the data input (in only).
I/O PP
MOSI
1
Description
Type
Name
Pin
I/O: I = Input
O = Output
Pwr = Power pin
I/O = Bi-directional line
PP = Push Pull output drive
OD = Open drain output drive
©Quantum Research Group Ltd.
lQ
iii
www.qprox.com QT60xx5B / R1.06


Similar Part No. - QT60645B-AS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60645 QUANTUM-QT60645 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60645-AS QUANTUM-QT60645-AS Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60645-S QUANTUM-QT60645-S Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
More results

Similar Description - QT60645B-AS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60645 QUANTUM-QT60645 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60486 QUANTUM-QT60486 Datasheet
880Kb / 32P
   32 & 48 KEY QMATRIX ICs
QT60161B QUANTUM-QT60161B Datasheet
674Kb / 36P
   16 KEY QMATRIX KEYPANEL SENSOR IC
QT60161 QUANTUM-QT60161 Datasheet
591Kb / 36P
   16 KEY QMatrix KEYPANEL SENSORS IC
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
609Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60248 QUANTUM-QT60248 Datasheet
867Kb / 28P
   16, 24 KEY QMATRIX ICs
logo
ATMEL Corporation
AT42QT1481 ATMEL-AT42QT1481_14 Datasheet
801Kb / 73P
   48-Key QMatrix FMEA IEC/EN60730 Touch Sensor IC
logo
Quantum Research Group
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com