Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT60485B-A Datasheet(PDF) 9 Page - Quantum Research Group

Part # QT60485B-A
Description  32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT60485B-A Datasheet(HTML) 9 Page - Quantum Research Group

Back Button QT60485B-A Datasheet HTML 5Page - Quantum Research Group QT60485B-A Datasheet HTML 6Page - Quantum Research Group QT60485B-A Datasheet HTML 7Page - Quantum Research Group QT60485B-A Datasheet HTML 8Page - Quantum Research Group QT60485B-A Datasheet HTML 9Page - Quantum Research Group QT60485B-A Datasheet HTML 10Page - Quantum Research Group QT60485B-A Datasheet HTML 11Page - Quantum Research Group QT60485B-A Datasheet HTML 12Page - Quantum Research Group QT60485B-A Datasheet HTML 13Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
force an update of eeprom from Flash memory if not
legitimate.
3 Circuit Operation
Two reference circuits are shown in Figures 3-1 and 3-2.
Figure 3-1 shows a circuit having slightly greater precision
and sensitivity than that of Figure 3-2, however both will
perform well in most situations. Note that the Figure 3-2
circuit must have the Cs clamp control (command ^S) polarity
set to 0x01 to operate properly.
3.1 Part Differences
QT60xx5B parts use identical circuits and operate in identical
manner in all respects, except that only the QT60645B can
acquire 64 keys.
The QT60325B and QT60485B only acquire 32 and 48 keys
respectively, but both still use an 8x8 matrix; any 32 or 48
keys in the matrix can be used. Unused keys must be
disabled by setting their burst length to zero (command ^F).
These devices have their upper keys disabled (keys 32 and
48 and up respectively). Upper keys can be enabled by first
disabling undesired lower keys so that the maximum number
of keys is never exceeded during the setup process.
3.2 Matrix Scan Sequence
The circuit operates by scanning each key sequentially, key
by key. Key scanning begins with location X=0 / Y=0. X axis
keys are known as rows while Y axis keys are referred to as
columns. Keys are scanned sequentially by row, for example
the sequence Y0X0 Y0X1 .... Y0X3, Y1X0 Y1X1... etc.
Each key is sampled from 1 to 64 times in a burst whose
length is determined by command ^F. A burst is completed
entirely before the next key is sampled; at the end of each
burst the resulting analog signal is converted to digital by the
part’s ADC. The burst length directly impacts key gain; each
key can have a unique burst length in order to allow tailoring
of key sensitivity on a key by key basis.
3.3 Signal Path
Refer to Figures 1-4, 3-1, 3-2, and 3-3. Further descriptions
can be found in Section 1.20.
Charge gate. Only one X row is pulsed during a burst.
Charge is coupled across a key's Cx capacitance from the X
row to all Y columns. A particular key is chosen by gating the
charge from a single Y column into a charge integrator. The
gate is an 8:1 analog mux whose path is selected by lines
YS0, YS1, and YS2; the gate is enabled by a pulse from the
PLD. The charge integrator is described below.
Dwell time. The gate must be switched closed just prior to
the rising edge of X and must be reopened just after X has
finished rising, in order to capture the charge driven across
key capacitance Cx. The delay time from the rise of X to the
opening of the gate is known as the Y-sample dwell time.
Dwell time duration has a dramatic effect on the suppression
of signals due to moisture films as described in Section 3.13.
Dwell time is fixed in these devices to 167ns but this can be
shortened using an external circuit (Section 3.9).
Charge neutralization. When X falls again, the charge
across Cx must be neutralized. Without neutralization, Cx
charge would be sampled one time only and not again during
operation. To accomplish this, the PLD always clamps all Y
lines to ground except during the rise of X for the key being
scanned.
Charge integrator. The first opamp is configured as an
integrator with a reset switch; capacitor Cs (C14 in Figure
3-1, and C7 in Figure 3-2) performs the charge integration
function. Capacitor Ca (C11 in Figure 3-1 only) acts to absorb
charge momentarily before the Figure 3-1 opamp can react to
absorb the charge across Cs; the value of Ca is not critical. A
P-channel jfet resets Cs between bursts (n-channel mosfet in
the case of Figure 3-2). The output of the opamp of Figure
3-1 swings negative, and as a consequence a negative power
supply is required for that circuit; the circuit of Figure 3-2 is
unipolar and requires only a positive supply.
Charge cancellation. Two Cz capacitors are used to cancel
charge across Cs in stepwise fashion in order to increase
signal range. These capacitors can switch during the course
of a burst to reduce the final output of the amplifier chain,
preventing early signal saturation due to large keys (high Cx)
and/or long burst lengths. The Cz's are normally driven to
+5V when not in use; switching them to ground causes a step
subtraction of charge from the integrator.
Signal amplification; offset. At the end of the burst, the
charge integrator result is amplified, and an offset from an
R2R ladder DAC driven off the X drive lines is applied. This
offset repositions the final analog signal as close as possible
to the center of the ADC span, or at about 2.5V. The amount
of offset applied is determined during the calibration process.
Burst / R2R timing. Figure 3-3 relates to a particular key
being addressed by an X row line and gate control lines YSn.
At the end of the burst, the X pins drive the R2R ladder
network to generate a correction offset to the amplifier chain.
The amplifier must stabilize to within ½ LSB (10mV) 8µs after
the application of the R2R value so that the signal can be
accurately sampled by the QT60xx5B on pin Ain.
Signal gain. Gain is directly controlled by burst length,
amplifier gain, and the value of Cs. Burst length can be
adjusted on a key by key basis whereas Av and Cs are fixed
for all keys. See Section 3.6. The detection threshold setting
also factors directly into key sensitivity.
3.4 'X' Electrode Drives
The 'X' lines are directly connected to the matrix without
buffering. The positive edges of these signals are used to
create the transient field flows used to scan the keys. Only
one X line is actively driving the matrix for scanning purposes
at a time, and it will pulse for a ‘burst length’ for each key as
determined by the 'Burst Length' Setups parameter (see
command ^F, page 25 and Section 3.6).
3.4.1 RFI FROM X LINES
X drive lines will radiate a small amount of RFI. This can be
attenuated if required by using series resistor in-line with
each X trace; the resistor should be placed near to the
QT60xx5B. Typical values can range from 47 to 470 ohms.
Excessive amounts of R will cause a counterproductive drop
in signal strength. RC networks can also be used as shown in
Figure 4-4.
Inserted resistors in the X lines also have the positive effect
of limiting ESD transient currents (Section 3.22).
© Quantum Research Group Ltd.
lQ
9
www.qprox.com QT60xx5B / R1.06


Similar Part No. - QT60485B-A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60485 QUANTUM-QT60485 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60485-AS QUANTUM-QT60485-AS Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60485-S QUANTUM-QT60485-S Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
More results

Similar Description - QT60485B-A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60645 QUANTUM-QT60645 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60486 QUANTUM-QT60486 Datasheet
880Kb / 32P
   32 & 48 KEY QMATRIX ICs
QT60161B QUANTUM-QT60161B Datasheet
674Kb / 36P
   16 KEY QMATRIX KEYPANEL SENSOR IC
QT60161 QUANTUM-QT60161 Datasheet
591Kb / 36P
   16 KEY QMatrix KEYPANEL SENSORS IC
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
609Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60248 QUANTUM-QT60248 Datasheet
867Kb / 28P
   16, 24 KEY QMATRIX ICs
logo
ATMEL Corporation
AT42QT1481 ATMEL-AT42QT1481_14 Datasheet
801Kb / 73P
   48-Key QMatrix FMEA IEC/EN60730 Touch Sensor IC
logo
Quantum Research Group
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com