Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCGDF5P00EWU Datasheet(PDF) 4 Page - ITT Industries

Part # LCGDF5P00EWU
Description  Subminiature Precision Snap-acting Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

LCGDF5P00EWU Datasheet(HTML) 4 Page - ITT Industries

  LCGDF5P00EWU Datasheet HTML 1Page - ITT Industries LCGDF5P00EWU Datasheet HTML 2Page - ITT Industries LCGDF5P00EWU Datasheet HTML 3Page - ITT Industries LCGDF5P00EWU Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
K–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K LC Series
Subminiature Precision Snap-acting Switches
CIRCUITRY
TERMINATIONS
Y
SPST N.O. (Single Pole, Single Throw, Normally Open)
W
SPST N.C. (Single Pole, Single Throw, Normally Closed)
C
SPDT (Single Pole, Double Throw)
S
PC THRU-HOLE
R RIGHT FORMED PC TRU-HOLE
L
LEFT FORMED PC THRU-HOLE
J
WIRE LEAD
H
.110" QUICK CONNECT
E
SOLDER
NOTE: Use Amp Quick Connect Part No. 640932-1.
1 AMP
22 AWG
5 AMPS
20 AWG
10.1 AMPS
18 AWG
WIRE
SIZE
RATING
RED
NORMALLY
CLOSED
WHITE
NORMALLY
OPEN
BLACK
COMMON
WIRE
COLOR
TERMINAL
PC MOUNTING
PC MOUNTING
PC MOUNTING
ELECTRICAL LIFE
SEAL
NONE
6,000 OPERATIONS
U
EXTENDED 100,000 OPERATIONS
E
EPOXY SEAL
NONE
NO SEAL
EPOXY
.075 MAX.
(1,91)


Similar Part No. - LCGDF5P00EWU

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCG-12A01 DELTA-LCG-12A01 Datasheet
156Kb / 2P
   LCD Graphic Module 12 x 1
logo
OSRAM GmbH
LCG-H9RM OSRAM-LCG-H9RM Datasheet
268Kb / 23P
   SMD epoxy package
LCG-H9RN OSRAM-LCG-H9RN Datasheet
313Kb / 25P
   SMD epoxy package
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
More results

Similar Description - LCGDF5P00EWU

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com