Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV74A8-32SWL Datasheet(PDF) 7 Page - ITT Industries

Part # PV74A8-32SWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV74A8-32SWL Datasheet(HTML) 7 Page - ITT Industries

Back Button PV74A8-32SWL Datasheet HTML 2Page - ITT Industries PV74A8-32SWL Datasheet HTML 3Page - ITT Industries PV74A8-32SWL Datasheet HTML 4Page - ITT Industries PV74A8-32SWL Datasheet HTML 5Page - ITT Industries PV74A8-32SWL Datasheet HTML 6Page - ITT Industries PV74A8-32SWL Datasheet HTML 7Page - ITT Industries PV74A8-32SWL Datasheet HTML 8Page - ITT Industries PV74A8-32SWL Datasheet HTML 9Page - ITT Industries PV74A8-32SWL Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ittcannon.com
163
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Thru-Bulkhead Receptacle
How to Order - PV-TBF
Tooling
PV-TBF
Shell
Size
8
10
12
14
16
18
20
22
24
.471 (11.96)
.588 (14.94)
.748 (19.00)
.873 (22.17)
.998 (25.35)
1.123 (28.52)
1.248 (31.70)
1.373 (34.87)
1.498 (38.05)
Notes: 1) Shell available in conductive (nickel finish) only.
2) Contacts are nonremovable.
PV-TBF - ITT Cannon prefix
Pin and socket
20
16
12
CIET-20-11
(274-7001-006)
M81969/14-11
M81969/14-03
M81969/14-04
Red
Blue
Yellow
White
White
White
MS27534-20, MS3447-20, NAS1664-20
MS27534-16, MS3447-16, NAS1664-16
MS27534-12, MS3447-12, NAS1664-12
274-7007-000
274-7008-000
274-7009-00
CIET-16-03
(274-7002-000)
CIET-12-04
(274-7003-000)
Shell available in conductive (nickel fin-
ish) only.
Contacts are nonremovable.
Designed to MS3119 configuration and
meets the performance requirements of
MIL-C-26482 Series 2.
Notes: 1)
2)
3)
No designation required for normal. Standard MS
alternate posistions available.
8 through 24
10-6, 14-19, 16-8, 16-26, 18-32, 20-39, 20-
41, 22-41, 22-55, 24-61.
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.094 (2.39)
.094 (2.39)
.094 (2.39)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.406 (35.71)
1.406 (35.71)
1.406 (35.71)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.703 (17.86)
.703 (17.86)
.703 (17.86)
.594 (15.09)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
.828 (21.03)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.453 (36.91)
1.578 (40.08)
1.703 (43.26)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.344 (8.74)
.344 (8.74)
.311 (7.90)
Contact
Size
Cannon
Part Number
M81969
Part Number
Insertion
Color Tip
Extraction
Color Tip
Superseded
Mil. Pt. No.
Unwired Contact
Tools
Cannon Pt. No.
CBT 520/530
Insertion/Extraction Tools
Crimp Tool
M22520/1-01 Crimp Tool
with M22520/1-02 Turret
Wire Contact Tools
SERIES PREFIX
PV-TBF 10
-6
PS
W
SERIES PREFIX
SHELL SIZE
INSERT ARRANGEMENTS
SHELL SIZE
INSERT ARRANGEMENTS
CONTACT STYLE
CONTACT STYLE
PANEL
PANEL
X
X
A
DIA.
K
A
DIA.
S
(TYP)
R
(TP)
POLARIZING
GROOVE
4 HOLES
.125/.115 (3.18/2.92) DIA.
SIZES 8-22
.152/.142 (3.86/3.61) DIA.
SIZES 24 ONLY
.140 RAD.
MAX.
M
L
FRONT
PANEL MOUNTING
REAR
PANEL MOUNTING
ALTERNATE POLARIZING POSITION
ALTERNATE POLARIZING POSITION
A
Dia +
_.003 (0.08)
K
+
_.016 (0.41)
M
+
_.016 (0.41)
L
Max.
S
Max.
X
Max.
R
(TP)


Similar Part No. - PV74A8-32SWL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV7 E-SWITCH-PV7 Datasheet
138Kb / 1P
   Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
   PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K3225 SEI-PV75K3225 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV74A8-32SWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com