Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T107J1V3GE2 Datasheet(PDF) 3 Page - ITT Industries

Part # T107J1V3GE2
Description  Subminiature Rocker Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T107J1V3GE2 Datasheet(HTML) 3 Page - ITT Industries

  T107J1V3GE2 Datasheet HTML 1Page - ITT Industries T107J1V3GE2 Datasheet HTML 2Page - ITT Industries T107J1V3GE2 Datasheet HTML 3Page - ITT Industries T107J1V3GE2 Datasheet HTML 4Page - ITT Industries T107J1V3GE2 Datasheet HTML 5Page - ITT Industries T107J1V3GE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C&K T Series
Subminiature Rocker Switches
ACTUATOR
PC MOUNTING
SP
DP
Actuators available separately, see page H 51-
H53. Finish: Matte. Other colors, custom actu-
ator markings and legends available, consult
Customer Service Center.
2
BLACK
ACTUATOR
COLOR
OPTION
CODE
J1
ROCKER, .300 WIDE
A
RIGHT ANGLE, PC THRU-HOLE
Z
SOLDER LUG
J6
ROCKER, .230 WIDE
TERMINATIONS
SP and DP
T101J6ABE2
Horizontal Actuation
SPDT
Standard with all models except T10X with A terminations.
Standard with T10X model with A terminations.
Not available with K or P contact material.
Not available with T102 model. J6 actuator standard only
on T10X models with A terminations.
ACTUATOR
H–49
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H


Similar Part No. - T107J1V3GE2

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
T107 FERROXCUBE-T107 Datasheet
39Kb / 3P
   Ferrite toroids
logo
C&K Components
T107 CK-COMPONENTS-T107 Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
Pulse A Technitrol Comp...
T1070 PULSE-T1070 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
Linear Technology
T1070HV LINER-T1070HV Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Pulse A Technitrol Comp...
T1070NL PULSE-T1070NL Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T107J1V3GE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T Datasheet
806Kb / 6P
   Subminiature Rocker Switches
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
logo
E-SWITCH
400B E-SWITCH-400B Datasheet
176Kb / 1P
   ROCKER SWITCHES - SMT SUBMINIATURE
logo
ITT Industries
ET01J1ABE2 ITT-ET01J1ABE2 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
logo
C&K Components
ETROCKER CK-COMPONENTS-ETROCKER Datasheet
819Kb / 6P
   Sealed Subminiature Rocker Switches
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
   Sealed Subminiature Rocker Switches
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com