Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T101J6V3GE2 Datasheet(PDF) 5 Page - ITT Industries

Part # T101J6V3GE2
Description  Subminiature Rocker Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T101J6V3GE2 Datasheet(HTML) 5 Page - ITT Industries

  T101J6V3GE2 Datasheet HTML 1Page - ITT Industries T101J6V3GE2 Datasheet HTML 2Page - ITT Industries T101J6V3GE2 Datasheet HTML 3Page - ITT Industries T101J6V3GE2 Datasheet HTML 4Page - ITT Industries T101J6V3GE2 Datasheet HTML 5Page - ITT Industries T101J6V3GE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C&K T Series
Subminiature Rocker Switches
TERMINATIONS
V3
VERTICAL MOUNT, V-BRACKET
CONTACT MATERIAL
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with Q, B, G & P contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with G, or Q contact material.
B contact material standard with A, AV, V3 terminations.
Q contact material standard with C & Z terminations.
K & P contact materials not available with Z terminations.
SEAL
E
EPOXY SEAL
T201J1V3BE2
DPDT
H–51
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
0.4 VA MAX. @ 20 V AC OR DC MAX.
TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC.
TX01 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
2 AMPS @ 120 V AC OR 28 V DC.
RATINGS
B
K
P
Q
G
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
GOLD 1
TIN-LEAD 6
MATTE-TIN 7
SILVER 5
GOLD 3
GOLD 3
SILVER 4,5
GOLD OVER
SILVER 2,3
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES


Similar Part No. - T101J6V3GE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
T101J1BE2 CK-COMPONENTS-T101J1BE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
More results

Similar Description - T101J6V3GE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T Datasheet
806Kb / 6P
   Subminiature Rocker Switches
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
logo
E-SWITCH
400B E-SWITCH-400B Datasheet
176Kb / 1P
   ROCKER SWITCHES - SMT SUBMINIATURE
logo
ITT Industries
ET01J1ABE2 ITT-ET01J1ABE2 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
logo
C&K Components
ETROCKER CK-COMPONENTS-ETROCKER Datasheet
819Kb / 6P
   Sealed Subminiature Rocker Switches
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
   Sealed Subminiature Rocker Switches
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com