Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMDM-9SL1A-A30 Datasheet(PDF) 8 Page - ITT Industries

Part # RMDM-9SL1A-A30
Description  Micro-D Metal Shell - .050 Contact Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDM-9SL1A-A30 Datasheet(HTML) 8 Page - ITT Industries

  RMDM-9SL1A-A30 Datasheet HTML 1Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 2Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 3Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 4Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 5Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 6Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 7Page - ITT Industries RMDM-9SL1A-A30 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Micro-D Metal Shell - .050" Contact Spacing
MDM
Mounting Hardware Views (for size 100)
14
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
This hardware supplied unassembled.
#4-40 UNC-2A THD
#4-40 UNC-2B NOTHING OR FEMALE THD
.185 (4.70)
MAX.
.500 (12.70)
MAX.
PANEL -
MAY BE USED WITH
.093 (2.36) MAX
THICK PANEL
.123 ± .005
(3.12 ± 0.13) DIA.
#4-40 UNC-2B
THD
A
.395 (10.03)
MAX.
.235 ± .005
(5.97 ± 0.13)
.064 ± .010
(1.62 ± 0.25) TYP.
B
180
(4.57
)
+.010
-.005
+.025
-0.13
Jackpost - (P)
90˚Angle Mounting
Bracket
90° Angle Mounting
Bracket
Description
Jackpost kit
Mounting Bracket 90˚ MDM
320-9505-015
015-9528-000
.191 (4.85)
.370 (9.40)
N/A
Part Number
A
± .005 (0.13)
B
Max.
#4 LOCK WASHER
MATING SIDE
Note: Size 100 requires .120 dia (B) mounting hole
when using Commercial (P) jackpost kits.
MATING
FACE
#4-40
UNC-2A
THD
.735 (18.67)
MAX.
Jackscrew - (K) Standard
PART HAS A .040 (1.02)
MAX AXIAL FLOAT
CONNECTOR
SHOWN FOR
REF. ONLY
This hardware is factory installed.
.014 ± .004
(0.36 ± 0.10) ALLOWABLE
DIAMETRAL FLOAT
.020 (0.51) MAX. ALLOWABLE
AXIAL FLOAT
.174 ± .005
(4.4 ± .10)
.185 (4.70)
MAX
.093
(2.36)
REF.
.116 ± .002
(2.29 ± .051)
DIA
.031 ± .003
(0.79 ± 0.08)
MATING
FACE
Float Mount - (F) Std.
HEX. SOCKET HEAD.
.078 (1.98) ACROSS FLATS
.050 (1.27) MIN. DEPTH
.155 (3.94) MAX.
.040 (1.02) MAX.
AXIAL FLOAT
#4-40 UNC-2A THD
MATING SIDE
*NOTE: Torque values are as follows:
Low Profile Jackscrew (L)-4.0 in-lbs
Standard Profile Jackscrew (K)-4.0 in-lbs
Jackscrew - (L) (Low Profile)
Jackpost Bushing (for Rear Panel Mounting)
ENGAGING FACE
RECEPTACLE SHOWN
FOR REF. ONLY
#4-40 THREAD
RETAINING NUT
.500 (12.70)
MAX.
.185 (4.70)
.170 (4.32)
A
#4-40 UNC-2B
3/16" HEX.
LOCKING POST
.125
(3.18
1.516
(38.51
.401
(10.18
1.800
± .005
(45.72 ± 0.13)
.161 (4.09)
.159 (4.04)
DIA.
R
)
+.004
-.000
+1.10
-0.00
)
+.004
-.000
+1.10
-0.00
)
+.005
-.000
+0.13
-0.00
Panel
Thickness
Jackpost Kit
Number*
Dimensions for Rear Panel Mounting
A
+.005 (0.13)
-.000 (0.00)
3/32 (2.4)
1/16 (1.6)
1/32 (0.8)
3/64 (1.2)
*2 jackposts, 2 nuts, 2 washers
.087 (2.21)
.058 (1.42)
.025 (0.64)
.042 (1.07)
320-9505-013
320-9505-012
320-9505-010
320-9505-011
Torque value for size 100
Note: Size 100 requires B mounting hole shell
size when using rear panel mount jackposts


Similar Part No. - RMDM-9SL1A-A30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDM-9SL1A-A30

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com