Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTE0211R03 Datasheet(PDF) 1 Page - ITT Industries

Part # RTE0211R03
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE0211R03 Datasheet(HTML) 1 Page - ITT Industries

  RTE0211R03 Datasheet HTML 1Page - ITT Industries RTE0211R03 Datasheet HTML 2Page - ITT Industries RTE0211R03 Datasheet HTML 3Page - ITT Industries RTE0211R03 Datasheet HTML 4Page - ITT Industries RTE0211R03 Datasheet HTML 5Page - ITT Industries RTE0211R03 Datasheet HTML 6Page - ITT Industries RTE0211R03 Datasheet HTML 7Page - ITT Industries RTE0211R03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-20
I
C&K RTE Series
Low Profile Rotary DIP Switches
Features/Benefits
Thru-hole and surface mount mod-
els
Miniature size with robust
stainless steel cover
Rotary SPDT, SP3T, SP4T
functions
Rotary binary-decimal and
hexadecimal coding
RoHS compliant - options available
Typical Applications
Timers, automation components
Computer and peripherals
Alarms, access control
Instrumentation
RT
E
Number of Positions
RTE02
2 positions
RTE03
3 positions
ESD Protection
0
without
1
with**
Actuator
0
Flush, screwdriver slot
1
Extended shaft ****
2
Shaft for button
Terminations
N
Thru-hole
R
Reverse, thru-hole
G
Surface mount
M
Manual*****(for RTE03 only)
Switch Function
0
Single pole
Contact/Terminal Material
3
Gold/Tin-Lead
1
Silver/Tin lead
4
Gold/Matte-tin
5
Silver/Matte-tin
** ESD protection only available with N or R terminations
*** Buttons ordered separately
**** Not available in surface mount.
***** Only possible in combination with actuator option “2”
***
How To Order
Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
Specifications
CONTACT RATING:
Gold: 100 mA max. 10µ A min. 30 V DC max. 20 mVDC min.
Silver: 100 mA max. 1 mA min. 50 V DC max. 2 VDC min.
MECHANICAL LIFE: RTE02/03: 1,500 actuations; RTE04/10/16:
20,000 actuations
CONTACT RESISTANCE: 100 m
Ω max. initial;
150 m
Ω after life
INSULATION RESISTANCE: RTE02/03: 1013
Ω min.
RTE04/10/16: 1010
Ω min. initial
DIELECTRIC STRENGTH: RTE 02/03: 500 Vrms;
RTE 10/16; 300 Vrms
OPERATING TEMPERATURE: -25°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
PACKAGING: N or R terminations in tube.
V termination in box. G termination in reel, 750 pieces per
reel. G termination with flush actuator, 1250 pieces per reel.
Materials
COVER & BASE: Thermoplastic PPS
ACTUATOR: PA Thermoplastic
KNOB: Thermoplastic
MOVABLE CONTACTS: Brass, gold or silver plated.
STATIONARY CONTACTS: Brass, gold or silver plated.
TERMINALS: See page I-24
O-RING: Silicone
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options. For
information on specific and custom switches, consult Customer Service Center.
Solderability: Wave soldering 260º/2s.
SMT are reflow compatible according to CECC 00802-NORM.


Similar Part No. - RTE0211R03

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0211R-04 CK-COMPONENTS-RTE0211R-04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0211R-05 CK-COMPONENTS-RTE0211R-05 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0211R-14 CK-COMPONENTS-RTE0211R-14 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0211R-15 CK-COMPONENTS-RTE0211R-15 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0211R-24 CK-COMPONENTS-RTE0211R-24 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results

Similar Description - RTE0211R03

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com