Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L101112MS10QE Datasheet(PDF) 2 Page - ITT Industries

Part # L101112MS10QE
Description  Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

L101112MS10QE Datasheet(HTML) 2 Page - ITT Industries

  L101112MS10QE Datasheet HTML 1Page - ITT Industries L101112MS10QE Datasheet HTML 2Page - ITT Industries L101112MS10QE Datasheet HTML 3Page - ITT Industries L101112MS10QE Datasheet HTML 4Page - ITT Industries L101112MS10QE Datasheet HTML 5Page - ITT Industries L101112MS10QE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
J–19
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K L Series
Miniature Slide Switches
SWITCH AND LOCK FUNCTION
ACTUATOR
Cap part number 7089
Cap part number 8018
Cap part number 7982
Cap part number 8940
14
PLUNGER WITH CAP
13
PLUNGER WITHOUT CAP
12 SCREWDRIVER SLOT
03
.375" HIGH
02
.335" HIGH
01
.200" HIGH
05
.312" HIGH
11
.100" HIGH
15
PLUNGER WITH CAP
17
PLUNGER WITH CAP
19
PLUNGER WITH CAP
2
BLACK
NONE
01-13, 23 ACTUATORS
ACTUATOR CAP
COLORS
OPTION
CODE
L101
SPST
ML, MS, SS
L102
SPDT
ML, MS, SS
L112
SPDT-MOM.
ML, MS,MV, SS
L103
SP3T
MA, MS, TS
L113
SP3T-MOM. to one end
MA, MS, TS
L123
SP3T-MOM. to both ends
MA, MS, TS
L104
SP4T
MS
SP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH FUNCTION
MODEL
NO.
NO.
POLES
L201
DPST
MA, MS, SS
L202
DPDT
MA, MS, SS
L212
DPDT-MOM.
MV
L203
DP3T
MS, TS
L204
DP4T
MS
DP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
NOTE: and MOM. in table indicates momentary action.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Models with ‘01’ termination option
only.
Contacts make on side actuator thrown.
NOTE: No actuator color option code is required. Standard actuator color is
black, other colors and heights available, consult Customer Service Center.
See pages J-20 and J-22 for available mounting styles.
ACTUATOR CAPS
Caps supplied are not installed standard. To order actuator options ‘14 thru 29,’ select
desired cap color from chart and place option code in last box of ordering format. Leave box
empty for all other actuator options. Caps may also be ordered separately and user installed,
see pages J-23 and J-24. Specify the four digit part number and desired cap color. For
switches without caps, order ‘13’ or ‘23’ actuator option. Cap finish: gloss (excluding square
cap part number 7982, finish: matte).
SPLASH CAPS
New protective splash caps for PC mounted slide
switches are available separately and reusable.
They provide splash protection during soldering and
cleaning processes. To order specify correct part
number, see page J-23.
Other colors available,
consult Customer Service Center.
ACTUATOR OPTIONS FOR ‘MS, MA, ML, SS, & TS’ MOUNTING STYLES
ACTUATOR OPTIONS FOR ‘MV’ MOUNTING STYLE
ACTUATOR
CAP COLOR
1 2 3


Similar Part No. - L101112MS10QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
L101 CK-COMPONENTS-L101 Datasheet
329Kb / 6P
   Miniature Slide Switches
L101 CK-COMPONENTS-L101 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Gilway Technical Lamp
L1010 GILWAY-L1010 Datasheet
52Kb / 1P
   Precision Half Spherical Lamps
logo
Hamamatsu Corporation
L10101 HAMAMATSU-L10101_15 Datasheet
730Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
logo
3M Electronics
L1015 3M-L1015 Datasheet
344Kb / 5P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
More results

Similar Description - L101112MS10QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com