Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21368SKBPZENG Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-21368SKBPZENG
Description  Preliminary Technical Data
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21368SKBPZENG Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-21368SKBPZENG Datasheet HTML 7Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 8Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 9Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 10Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 11Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 12Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 13Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 14Page - Analog Devices ADSP-21368SKBPZENG Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADSP-21368
Preliminary Technical Data
Rev. PrA
|
Page 11 of 48
|
November 2004
Designing an Emulator-Compatible DSP Board (Target)
The Analog Devices family of emulators are tools that every
DSP developer needs to test and debug hardware and software
systems. Analog Devices has supplied an IEEE 1149.1 JTAG
Test Access Port (TAP) on each JTAG DSP. Nonintrusive in-
circuit emulation is assured by the use of the processor’s JTAG
interface—the emulator does not affect target system loading or
timing. The emulator uses the TAP to access the internal fea-
tures of the processor, allowing the developer to load code, set
breakpoints, observe variables, observe memory, and examine
registers. The processor must be halted to send data and com-
mands, but once an operation has been completed by the
emulator, the DSP system is set running at full speed with no
impact on system timing.
To use these emulators, the target board must include a header
that connects the DSP’s JTAG port to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, signal buffering, signal ter-
mination, and emulator pod logic, see the EE-68: Analog Devices
JTAG Emulation Technical Reference on the Analog Devices
website (www.analog.com)—use site search on “EE-68.” This
document is updated regularly to keep pace with improvements
to emulator support.
Evaluation Kit
Analog Devices offers a range of EZ-KIT Lite evaluation plat-
forms to use as a cost effective method to learn more about
developing or prototyping applications with Analog Devices
processors, platforms, and software tools. Each EZ-KIT Lite
includes an evaluation board along with an evaluation suite of
the VisualDSP++ development and debugging environment
with the C/C++ compiler, assembler, and linker. Also included
are sample application programs, power supply, and a USB
cable. All evaluation versions of the software tools are limited
for use only with the EZ-KIT Lite product.
The USB controller on the EZ-KIT Lite board connects the
board to the USB port of the user’s PC, enabling the
VisualDSP++ evaluation suite to emulate the on-board proces-
sor in-circuit. This permits the customer to download, execute,
and debug programs for the EZ-KIT Lite system. It also allows
in-circuit programming of the on-board Flash device to store
user-specific boot code, enabling the board to run as a standal-
one unit without being connected to the PC.
With a full version of VisualDSP++ installed (sold separately),
engineers can develop software for the EZ-KIT Lite or any cus-
tom defined system. Connecting one of Analog Devices JTAG
emulators to the EZ-KIT Lite board enables high-speed, non-
intrusive emulation.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the ADSP-21368
architecture and functionality. For detailed information on the
ADSP-2136x Family core architecture and instruction set, refer
to the ADSP-2136x SHARC Processor Hardware Reference and
the ADSP-2136x SHARC Processor Programming Reference.


Similar Part No. - ADSP-21368SKBPZENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21368 AD-ADSP-21368 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21368BBP-2A AD-ADSP-21368BBP-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21368BBP-2A AD-ADSP-21368BBP-2A Datasheet
1Mb / 60P
   SHARC Processors
Rev. E
ADSP-21368BBPZ-2A AD-ADSP-21368BBPZ-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
More results

Similar Description - ADSP-21368SKBPZENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD5263 AD-AD5263 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD53519 AD-AD53519 Datasheet
291Kb / 13P
   Preliminary Technical Data
REV. Pr J July 22, 2002
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com