Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTE0200M03 Datasheet(PDF) 5 Page - ITT Industries

Part # RTE0200M03
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE0200M03 Datasheet(HTML) 5 Page - ITT Industries

  RTE0200M03 Datasheet HTML 1Page - ITT Industries RTE0200M03 Datasheet HTML 2Page - ITT Industries RTE0200M03 Datasheet HTML 3Page - ITT Industries RTE0200M03 Datasheet HTML 4Page - ITT Industries RTE0200M03 Datasheet HTML 5Page - ITT Industries RTE0200M03 Datasheet HTML 6Page - ITT Industries RTE0200M03 Datasheet HTML 7Page - ITT Industries RTE0200M03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-24
I
C&K RTE Series
Low Profile Rotary DIP Switches
TERMINATIONS
4C
1
28
Ø.035
(ø0,9)
.315
(8)
.283
(7,2)
.283
(7,2)
.368
(9,35)
.291
(7,4)
Ø.041±.004
(1,05±0,1)
.10
(2,54)
.10
(2,54)
.10
(2,54)
.10
(2,54)
4C
1
28
Ø.035
(ø0,9)
.315
(8)
.283
(7,2)
.283
(7,2)
.368
(9,35)
.291
(7,4)
Ø.041±.004
(1,05±0,1)
.10
(2,54)
.10
(2,54)
.10
(2,54)
.10
(2,54)
N THRU-HOLE
C
8
41
2
.451±.008
(11,45±0,2)
.041±.004
(1,05±.004)
.291
(7,4)
.020
(0.5)
.283
(7,2)
.366
(9,3)
ø.035
(ø9,3)
ø.167
(ø4,25)
.10
(2,54)
.10
(2,54)
C
8
41
2
.451±.008
(11,45±0,2)
.041±.004
(1,05±.004)
.291
(7,4)
.020
(0.5)
.283
(7,2)
.366
(9,3)
ø.035
(ø9,3)
ø.167
(ø4,25)
.10
(2,54)
.10
(2,54)
R REVERSE, THRU-HOLE
0.2
(5,08)
0.1
(2,54)
0.035
(0,9)
C
C
1
2
0.1
(2,54)
C
C
1
2
0.035
(0,9)
0.035
(0,9)
0.035
(0,9)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
C
C
1
2
C
C
1
2
Ø 3,5 Mini.
Ø (0.138 min)
Ø in PC Board for screw driver operation must be 3.5 mm
`
m
m
2 positions with
ground terminal
2 positions without
ground terminal
3 positions with
ground terminal
3 positions without
ground terminal
2
2
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
m
C
0.4
(10,16)
0.4
(10,16)
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
m
C
RTE10, RTE 04 or RTE16
with ground terminal
RTE10, RTE 04 or RTE16
without ground terminal
0.4
(10,16)
0.4
(10,16)
0.2
(5,08)
0.1
(2,54)
0.035
(0,9)
C
C
1
2
0.1
(2,54)
C
C
1
2
0.035
(0,9)
0.035
(0,9)
0.035
(0,9)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
C
C
1
2
C
C
1
2
Ø 3,5 Mini.
Ø (0.138 min)
Ø in PC Board for screw driver operation must be 3.5 mm
`
m
m
2 positions with
ground terminal
2 positions without
ground terminal
3 positions with
ground terminal
3 positions without
ground terminal
2
2
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
m
C
0.4
(10,16)
0.4
(10,16)
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
m
C
RTE10, RTE 04 or RTE16
with ground terminal
RTE10, RTE 04 or RTE16
without ground terminal
0.4
(10,16)
0.4
(10,16)
0.4
(10,16)
0.2
(5,08)
0.1
(2,54)
0.035
(0,9)
C
C
1
2
0.1
(2,54)
C
C
1
2
0.035
(0,9)
0.4
(10,16)
0.4
(10,16)
0.4
(10,16)
0.035
(0,9)
0.035
(0,9)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
C
C
1
2
C
C
1
2
Ø 3,5 Mini.
Ø (0.138 min)
Ø in PC Board for screw driver operation must be 3.5 mm
`
m
m
2 positions with
ground terminal
2 positions without
ground terminal
3 positions with
ground terminal
3 positions without
ground terminal
2
2


Similar Part No. - RTE0200M03

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0200M04 CK-COMPONENTS-RTE0200M04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0200M05 CK-COMPONENTS-RTE0200M05 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results

Similar Description - RTE0200M03

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com