Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2726 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2726
Description  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2726 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2726 Datasheet HTML 1Page - New Japan Radio NJM2726 Datasheet HTML 2Page - New Japan Radio NJM2726 Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NJM2726
-1-
Ver.2003-11-17
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
■ FEATURES
● Operating Voltage
(
±2.25 to ±2.75V)
● Operating Current
(16mA typ. at V+/V-=
±2.5V)
● High Slew Rate
(500V/
µs typ.)
● Unity Gain Bandwidth
(150MHz typ.)
● Input Offset Voltage
(2mV typ.)
● Output Voltage
(VOH : +1.3V typ. at V
+/V-=±2.5V, RL=500Ω)
(VOL : -2.2V typ. at V
+/V-=±2.5V, RL=500Ω)
● Bipolar Technology
● Package Outline
MTP-5
■ PIN CONFIGURATION
NJM2726F
(Top View)
NJM2726F
The NJM2726 is a high speed voltage feedback amplifier.
It provides a very high slew rate at 500V/
µs. On a single 5V
supply the output swings from 0.3V to 3.8V with a 500
Ω load
connect to 2.5V reference.
It is suitable for high speed differential signal processing.
+INPUT
V-
-
INPUT
V+
OUT
1
2
3
4
5
PIN FUNCTION
1.OUTPUT
2.V-
3.+INPUT
4.-INPUT
5. V+


Similar Part No. - NJM2726

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2720E NJRC-NJM2720E Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722E NJRC-NJM2722E Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results

Similar Description - NJM2726

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com