Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTAC22111B11SDFG Datasheet(PDF) 1 Page - ITT Industries

Part # RTAC22111B11SDFG
Description  1-4 Poles Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTAC22111B11SDFG Datasheet(HTML) 1 Page - ITT Industries

  RTAC22111B11SDFG Datasheet HTML 1Page - ITT Industries RTAC22111B11SDFG Datasheet HTML 2Page - ITT Industries RTAC22111B11SDFG Datasheet HTML 3Page - ITT Industries RTAC22111B11SDFG Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L–8
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTA Series
1–4 Poles Coded Rotary Switches
Features/Benefits
PCB or hand soldering versions
Bushing mounting
Multiple poles
Decimal and hexadecimal codes
Screwdriver slot or extended actuator
RoHS Compliant Lead Free
Typical Applications
Appliances
Electronic alarm systems
Medical
Building automation
HVAC air conditioning
Electrical Data
Silver
Gold
SWITCHING MODE:
BBM
BBM
MAX. SWITCHING POWER
5 VA
0.5 VA
MAX. SWITCHING CURRENT:
150 mA
20 mA
MAX. CARRYING CURRENT:
5 A
1 A
NOMINAL VOLTAGE AT 50 Hz
60 V
25 V
CONTACT RESISTANCE:
< 150 m
< 150 m
DIELECTRIC STRENGTH AT 50 Hz
BETWEEN CONTACTS AND
GROUND TERMINALS:
500 V r
500 V r
INSULATION RESISTANCE BETWEEN
CONTACTS OR CONTACTS
AND FRAME (500 V =):
109
109
NO. OF OPERATIONS:
10,000
10,000
BOUNCE:
< 5 ms
< 5 ms
Environmental Data
OPERATING TEMPERATURE: –20ºC to + 70ºC
–20ºC to + 70ºC
STORAGE TEMPERATURE:
–40ºC to + 85ºC
–40ºC to + 85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Mechanical Data
MAX. NO. OF BANKS: 1.
OPERATING TORQUE: 5 Ncm±20%.
END STOP TORQUE: < 60 Ncm.
STOP: With/without or adjustable
MOUNTING: By fixed index 9.5 mm (0.374) of center, for bush-
ing mount only
Materials
HOUSING: PETP Thermoplastic
STATIONARY CONTACTS & TERMINALS: Nickel alloy, gold or
silver plated.
ROTOR: Printed circuit, gold or silver plated.
CODING PLATE: PA thermoplastic
ACTUATOR: Polysulfon thermoplastic
BUSHING: Washer: PA. Nut: Brass.
HARDWARE: Stop pin: Aluminum. Ball & Spring: Stainless steel.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-9 thru L-11. For additional options not shown in catalog, consult Customer Service Center.
Designation
RTAP With PC Thru-Hole
RTAC With solder lugs
Indexing
22.5 22.5 index (coded only)
30
30° index (12 positions max.)
36
36° index (10 positions max.)
Switch Function
112S
SP, 30° Index, 12 pos. no stop
110S
SP, 36° Index, 10 pos. no stop
103B03 SP, 30° /36° Index, 3 pos.
106B06 SP, 30° /36° Index, 6 pos.
109B09 SP, 30° /36° Index, 9 pos.
110B10 SP, 30° /36° Index, 10 pos.
111B11 SP, 30° Index, 11 pos.
112B12 SP, 30° Index, 12 pos.
205S
DP, 36° Index, 5 pos. no stop
206S
DP, 30° Index, 6 pos. no stop
202B02 DP, 30° /36° Index, 2 pos.
204B04 DP, 30° /36° Index, 4 pos.
205B05 DP, 30° /36° Index, 5 pos.
206B06 DP, 30° Index, 6 pos.
303B03 3P, 30° /36° Index, 3 pos.
402B02 4P, 30° /36° Index, 2 pos.
BCS Direct + complement, 30° /36° Index, no stop
BS
Direct, 22.5° Index, no stop
BCB Direct + complement, with stop (indicate position)
BB
Direct, 22.5° Index, with stop (indicate position)
Contact Material
S Silver plated
G Gold plated
Actuator (max.)
25
.984 (25,0)
50
1.97 (50,0)
F
Screwdriver slot
M25 Flat shaft, .984 (25,0)
Mounting Style
SD Without bushing
AD With bushing
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.


Similar Part No. - RTAC22111B11SDFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTAC1W1225NS CK-COMPONENTS-RTAC1W1225NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
RTAC1W122W25NS CK-COMPONENTS-RTAC1W122W25NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
RTAC1W12W25NS CK-COMPONENTS-RTAC1W12W25NS Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
More results

Similar Description - RTAC22111B11SDFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTA CK-COMPONENTS-RTA_V01 Datasheet
1Mb / 5P
   1–4 Poles Coded Rotary Switches
RTA CK-COMPONENTS-RTA_V02 Datasheet
766Kb / 5P
   1–4 Poles Coded Rotary Switches
16 May 22
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com