Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPTBE10-36SWDN Datasheet(PDF) 7 Page - ITT Industries

Part # KPTBE10-36SWDN
Description  General purpose solder contact connectors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTBE10-36SWDN Datasheet(HTML) 7 Page - ITT Industries

Back Button KPTBE10-36SWDN Datasheet HTML 3Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 4Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 5Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 6Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 7Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 8Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 9Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 10Page - ITT Industries KPTBE10-36SWDN Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
KPT/KPSE
Miniature circular connectors
VG 95328 A 18 - 1 S N
Specification
Shell style
A – wall mouting receptacle with straight endbell
B – wall mounting receptacle with cable clamp
C – box mounting receptacle
D – jam nut receptacle
E – jam nut receptacle with cable clamp
J – straight plug with adapter DN
K – straight plug with cable clamp
M – straight plug, version DZ
N – straight plug
R – wall mounting receptacle, version DZ
S – jam nut receptacle with adapter DN
T – jam nut receptacle, version DZ
Shell size
8, 10, 12, 14, 16, 18, 20, 22 und 24
Contact arrangement
see pages 9 – 11
Contact type
P – pin
S – socket
Alternate insert position
see page 12
How to order acc. to VG 95328
KPSE High performance crimp contact connectors


Similar Part No. - KPTBE10-36SWDN

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KPTB-1612ESGC KINGBRIGHT-KPTB-1612ESGC Datasheet
104Kb / 4P
   1.6x1.2mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPTB-1612ESGC TO-GRACE-KPTB-1612ESGC Datasheet
977Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
KPTB-1612SURKCGKC TO-GRACE-KPTB-1612SURKCGKC Datasheet
986Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
KPTB-1612SURKQBDC TO-GRACE-KPTB-1612SURKQBDC Datasheet
986Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
KPTB-1612SYKCGKC TO-GRACE-KPTB-1612SYKCGKC Datasheet
990Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
More results

Similar Description - KPTBE10-36SWDN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Hirose Electric
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
   General-purpose Multi-Contact Circular Waterproof Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
List of Unclassifed Man...
KPT06J12-3S ETC2-KPT06J12-3S Datasheet
326Kb / 31P
   General purpose, Solder termination, Closed entry socket contacts
logo
Tyco Electronics
A9AAT-1502F MACOM-A9AAT-1502F Datasheet
82Kb / 1P
   CONTACT, SOLDER TAB, FFC
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
FCI connector
8638-PSS-X005 FCI-CONNECTOR-8638-PSS-X005 Datasheet
61Kb / 1P
   FEMALE CONTACT FOR SOLDER CONNECTION
DC27W2PA00LF FCI-CONNECTOR-DC27W2PA00LF Datasheet
76Kb / 1P
   PIN CONNECTOR WITH SOLDER CONTACT
logo
Tyco Electronics
A9AAT-0902F MACOM-A9AAT-0902F Datasheet
80Kb / 1P
   CONTACT, SOLDER TAB, FFC, .100CL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com